Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817C Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC817C
Description  The 817 series optocoupler is composed of a GaAs emitter and an NPN transistor.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PC817C Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PC817C Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PC817C Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PC817C Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PC817C Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PC817C Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
*1. 交流测试, 时间 1 分钟,湿度. =40~60% AC Test, 1 minute, humidity = 40~60%
如下是绝缘测试的方法. Insulation test method as below:
(1) 将产品的两端短路。 Short circuit both terminals of photocoupler
(2) 测试绝缘电压时无电流通过。No current when testing insulation voltage
(3) 测试时加正弦波形电压。Adding sine wave voltage when testing
*2. 锡焊时间为 10 秒 Soldering time is 10 seconds
● 光电特性(常温=25℃) Opto-electronic Characteristics
参数 Parameter
符号
Symbol
条件
Condition
最小
Min
中.Mi
dium
最大
Max
单位
Unit
输入 Input
顺向电压 Forward Current
VF
IF=20mA
---
1.2
1.4
V
逆向电流 Reverse Voltage
IR
VR=4V
---
---
10
μA
集极电容
Collector Capacitance
Ct
V=0, f=1KHz
---
30
250
pF
输出 Output
集极至射极电流
Collector to emitter Current
ICEO
VCE=20V, IF=0
---
---
100
nA
集 极 与 射 极 衰 减 电 压
Collector
and
Emitter
attenuation Voltage
BVCEO
IC=0.1mA
IF=0
35
---
---
V
射极与集极衰减电压
Emitter
and
Collector
Attenuation Voltage
BVECO
IE=10μA
IF=0
6
---
---
V
传输特性 Transforming
Characteristics
集极电流
Collector Current
Ic
IF=5mA
VCE=5V
2.5
---
30
mA
*1 电流转换比
Current Conversion Ratio
CTR
50
---
600
%
集 极 与 射 极 饱 和 电 压
Collector
and
Emitter
Saturation Voltage
VCE(sat)
IF=20mA
IC= 1mA
---
0.1
0.2
V
绝缘阻抗
Insulation Impedance
Riso
DC500V
40~60%R.H.
5×10
10
1×10
11
---
Ω
电容量 Capacotance
Cf
V=0, f=1MHz
---
0.6
1
pF
转换频率
Transforming Frequency
fc
VCE=5V,
IC=2mA
RL=100Ω, -3dB
---
80
---
kHz
上升时间 Risetime
tr
VCE=2V,
IC=2mA
RL=100Ω
---
4
18
μs
下降时间 Descend Time
tf
---
3
18
μs
* 电流转换比 Current Conversion Ratio = IC / IF ×100%
www.umw-ic.com
友台半导体有限公司
UMW
R
PC817



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com