Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DS323DB50WMIN Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM29DS323DB50WMIN
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS323DB50WMIN Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM29DS323DB50WMIN Datasheet HTML 48Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 49Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 50Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 51Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 52Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 53Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 54Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 55Page - Advanced Micro Devices AM29DS323DB50WMIN Datasheet HTML 56Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
October 10, 2006 23480A5
Am29DS323D
53
D A TA
SH EE T
REVISION SUMMARY
Revision A (December 1, 1999)
Released page 1 only.
Publication Number 23480, Revision A
(January 25, 2000)
Released as full data sheet. The publication number
has been changed from 22394 to 23480.
Revision A+1 (June 16, 2000)
Global
The 100 ns speed option has been replaced by a 110
ns option.
The data sheet status has changed from “Advance In-
formation” to “Preliminary.”
Ordering Information
In the ordering part number, changed FBGA package
code to WM. For 6 x 12 FBGA packages only, the
physical marking for regulated voltage range devices
is now “Q” and the physical marking for full voltage
range devices is now “U.”
Ordering Information
Optional processing: Deleted the burn-in option.
DC Characteristics table
CMOS Compatible: Changed maximum specification
on V
LKO to 1.6 V.
AC Characteristics—Read-Only Operations
Changed t
DF to 16 ns from 30 ns.
AC Characteristics—Data Polling and Toggle Bit
Added table. Timing specifications for data polling and
toggle bit operations differ from those for memory
array read operations.
AC Characteristics—Erase and Program
Operations table; Alternate CE# Controlled Erase
and Program Operations table
Changed typical and maximum byte and word pro-
gramming times to match changes in erase and
program performance table.
Erase and Program Performance
Changed the following specifications: typical and max-
imum byte program time, typical and maximum word
program time, typical and maximum chip program time
for both word and byte modes.
Revision A+2 (November 1, 2000)
Global
Deleted “contact AMD for availability” notes for TSOP
package. Added TSOP valid combinations to the Or-
dering Infor mation section. In Tables 7 and 14,
changed data for SecSi Sector Factory Protect to 85h
(factory locked) and 05h (not factory locked).
Revision A+3 (November 22, 2000)
Removed Preliminary status from document.
Table 4, Secured Silicon Sector Addresses for Top
Boot Devices. Table 6, Secured Silicon Sector Ad-
dresses for Bottom Boot Devices: Added ESN
addresses to tables.
Factory Locked: Secured Silicon Sector Programmed
and Protected at the Factory: Corrected ESN address
range.
Autoselect Command Sequence: Added table to clar-
ify explanation of autoselect codes.
Revision A+4 (January 25, 2005)
Changed to final datasheet status.
Revision A5 (October 10, 2006)
Global
Added retired product notice on cover page and first
page of data sheet.
Added cover page and colophon.
Connection Diagrams
Corrected column labeling on ball grid drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com