Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL640D Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM29DL640D
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM29DL640D_05 Datasheet HTML 46Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 47Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 48Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 49Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 50Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 51Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 52Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 53Page - Advanced Micro Devices AM29DL640D_05 Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
December 13, 2005
Am29DL640D
51
REVISION SUMMARY
Revision A (March 5, 2001)
Initial release.
Revision A+1 (March 9, 2001)
Ordering Information
Corrected FBGA package marking to include “V” des-
ignation. Deleted “0” from 120 ns package marking.
Revision B (August 10, 2001)
Global
Replaced the phrase “outermost 8 Kb sectors” with the
actual sector names (sectors 0, 1, 140, and 141) for
greater clarity. Changed data sheet status from “Ad-
vance Information” to “Preliminary”.
Block Diagram
Corrected address bus callout from A20 to A21.
Factory Locked: SecSi Sector Programmed and
Protected At the Factory
Deleted references to top and bottom boot devices.
Customer Lockable: SecSi Sector NOT
Programmed or Protected At the Factory
Deleted reference to 64 Kbyte SecSi Sector.
Table 4, SecSi™ Sector Addresses
Added table.
Table 5, Am29DL640D Autoselect Codes, (High
Voltage Method)
Deleted rows for byte mode.
Table 7, WP#/ACC Modes
Added table for clarity.
Revision B+1 (August 30, 2001)
Autoselect Command Sequence
Deleted explanatory bullets and included references to
the appropriate tables for autoselect functions.
Table 12, Am29DL640D Command Definitions
Added second and third read cycle information for the
autoselect device ID command sequence.
AC Characteristics: Erase and Program Operations
Changed t
BU S Y spe c i f ic atio n fr om min i m u m to
maximum.
Revision B+2 (October 11, 2001)
Connection Diagrams, Ordering Information,
Physical Dimensions
Added 64-ball Fortified BGA package information.
Revision B+3 (November 5, 2001)
Global
Removed Preliminary designation from document.
Ordering Information
Corrected BGA part numbers and markings.
Distinctive Characteristics
Corrected accelerated programming specification.
Device Bus Operations
Added Table 3, Bank Address.
Table 10, Device Geometry Definition
Added definition for address 4Fh.
Revision B+4 (April 15, 2002)
Ordering Information
Added P designator to package marking for Fortified
BGA package.
Revision B+5 (August 19, 2002)
Distinctive Characteristics
Corrected erase cycles.b
Connection Diagram
Changed all references to RFU to NC.
Table 2. Am29DL640D Sector Architecture
Corrected SA20 and SA21 sector’s, sector address to
0001101xxx and 0001110xxx.
Corrected SA35 sector’s , sector address to
0011100xxx.
DC Characteristics Table
Deleted the I
ACC specification row.
Command Definitions
Modified the last sentence in the first paragraph.
CFI
Changed the text at the end of the last sentence in the
third paragraph to: “reading array data.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com