Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC143TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC143TH
Description  NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC143TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC143TH Datasheet HTML 1Page - Diodes Incorporated DDC143TH Datasheet HTML 2Page - Diodes Incorporated DDC143TH Datasheet HTML 3Page - Diodes Incorporated DDC143TH Datasheet HTML 4Page - Diodes Incorporated DDC143TH Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Pb
Lead-free
DS30421 Rev. 3 - 2
1 of 5
DDC (xxxx) H
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available
(DDA)
·
Built-In Biasing Resistors
·
Lead Free By Design/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Supply Voltage (6) to (1) and (3) to (4)
VCC
50
V
Input Voltage (2) to (1) and (5) to (4)
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
DDC143TH
DDC114TH
VIN
-10 to +40
-10 to +40
-10 to +30
-6 to +40
-5 to +12
-10 to +40
-5 Vmax
-5 Vmax
V
Output Current
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
DDC143TH
DDC114TH
IO
30
30
100
70
100
50
100
100
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
L
B C
H
K
G
D
NXXYM
Mechanical Data
·
Case: SOT-563
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Terminal Connections: See Diagram
·
Weight: 0.005 grams (approx.)
P/N
R1
R2
MARKING
DDC124EH
DDC144EH
DDC143EH
DDC114YH
DDC123JH
DDC114EH
DDC143TH
DDC114TH
22K
W
47K
W
4.7K
W
10K
W
2.2K
W
10K
W
4.7K
W
10K
W
22K
W
47K
W
4.7K
W
47K
W
47K
W
10K
W
-
-
N17
N20
N08
N14
N06
N13
N07
N12
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
R1
R1
R2
6
5
4
3
2
1
R2
R1
R1
6
5
4
3
2
1
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
DDC (xxxx) H
NPN PRE-BIASED SMALL SIGNAL SOT-563
DUAL SURFACE MOUNT TRANSISTOR
SEE NOTE 1
Note:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).
2. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
SPICE MODELS: DDC124EH DDC144EH DDC143EH DDC114YH DDC123JH DDC114EH DDC143TH DDC114TH


Similar Part No. - DDC143TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC143TH DIODES-DDC143TH Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DDC143TH DIODES-DDC143TH Datasheet
186Kb / 4P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 4 - 2
DDC143TH DIODES-DDC143TH Datasheet
306Kb / 6P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2 April 2015
DDC143TH-7 DIODES-DDC143TH-7 Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DDC143TH-7 DIODES-DDC143TH-7 Datasheet
306Kb / 6P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2 April 2015
More results

Similar Description - DDC143TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC124EK DIODES-DDC124EK Datasheet
85Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
DS30348 Rev. 2 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDA124EH DIODES-DDA124EH Datasheet
83Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDC124EH DIODES-DDC124EH Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DDA122LH DIODES-DDA122LH Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
DDC122LH DIODES-DDC122LH_1 Datasheet
76Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com