Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL640D Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29DL640D
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29DL640D Datasheet HTML 10Page - Advanced Micro Devices AM29DL640D Datasheet HTML 11Page - Advanced Micro Devices AM29DL640D Datasheet HTML 12Page - Advanced Micro Devices AM29DL640D Datasheet HTML 13Page - Advanced Micro Devices AM29DL640D Datasheet HTML 14Page - Advanced Micro Devices AM29DL640D Datasheet HTML 15Page - Advanced Micro Devices AM29DL640D Datasheet HTML 16Page - Advanced Micro Devices AM29DL640D Datasheet HTML 17Page - Advanced Micro Devices AM29DL640D Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
12
Am29DL640D
December 13, 2005
Bank 3
SA71
1000000xxx
64/32
400000h–40FFFFh
200000h–207FFFh
SA72
1000001xxx
64/32
410000h–41FFFFh
208000h–20FFFFh
SA73
1000010xxx
64/32
420000h–42FFFFh
210000h–217FFFh
SA74
1000011xxx
64/32
430000h–43FFFFh
218000h–21FFFFh
SA75
1000100xxx
64/32
440000h–44FFFFh
220000h–227FFFh
SA76
1000101xxx
64/32
450000h–45FFFFh
228000h–22FFFFh
SA77
1000110xxx
64/32
460000h–46FFFFh
230000h–237FFFh
SA78
1000111xxx
64/32
470000h–47FFFFh
238000h–23FFFFh
SA79
1001000xxx
64/32
480000h–48FFFFh
240000h–247FFFh
SA80
1001001xxx
64/32
490000h–49FFFFh
248000h–24FFFFh
SA81
1001010xxx
64/32
4A0000h–4AFFFFh
250000h–257FFFh
SA82
1001011xxx
64/32
4B0000h–4BFFFFh
258000h–25FFFFh
SA83
1001100xxx
64/32
4C0000h–4CFFFFh
260000h–267FFFh
SA84
1001101xxx
64/32
4D0000h–4DFFFFh
268000h–26FFFFh
SA85
1001110xxx
64/32
4E0000h–4EFFFFh
270000h–277FFFh
SA86
1001111xxx
64/32
4F0000h–4FFFFFh
278000h–27FFFFh
SA87
1010000xxx
64/32
500000h–50FFFFh
280000h–28FFFFh
SA88
1010001xxx
64/32
510000h–51FFFFh
288000h–28FFFFh
SA89
1010010xxx
64/32
520000h–52FFFFh
290000h–297FFFh
SA90
1010011xxx
64/32
530000h–53FFFFh
298000h–29FFFFh
SA91
1010100xxx
64/32
540000h–54FFFFh
2A0000h–2A7FFFh
SA92
1010101xxx
64/32
550000h–55FFFFh
2A8000h–2AFFFFh
SA93
1010110xxx
64/32
560000h–56FFFFh
2B0000h–2B7FFFh
SA94
1010111xxx
64/32
570000h–57FFFFh
2B8000h–2BFFFFh
SA95
1011000xxx
64/32
580000h–58FFFFh
2C0000h–2C7FFFh
SA96
1011001xxx
64/32
590000h–59FFFFh
2C8000h–2CFFFFh
SA97
1011010xxx
64/32
5A0000h–5AFFFFh
2D0000h–2D7FFFh
SA98
1011011xxx
64/32
5B0000h–5BFFFFh
2D8000h–2DFFFFh
SA99
1011100xxx
64/32
5C0000h–5CFFFFh
2E0000h–2E7FFFh
SA100
1011101xxx
64/32
5D0000h–5DFFFFh
2E8000h–2EFFFFh
SA101
1011110xxx
64/32
5E0000h–5EFFFFh
2F0000h–2FFFFFh
SA102
1011111xxx
64/32
5F0000h–5FFFFFh
2F8000h–2FFFFFh
SA103
1100000xxx
64/32
600000h–60FFFFh
300000h–307FFFh
SA104
1100001xxx
64/32
610000h–61FFFFh
308000h–30FFFFh
SA105
1100010xxx
64/32
620000h–62FFFFh
310000h–317FFFh
SA106
1100011xxx
64/32
630000h–63FFFFh
318000h–31FFFFh
SA107
1100100xxx
64/32
640000h–64FFFFh
320000h–327FFFh
SA108
1100101xxx
64/32
650000h–65FFFFh
328000h–32FFFFh
SA109
1100110xxx
64/32
660000h–66FFFFh
330000h–337FFFh
SA110
1100111xxx
64/32
670000h–67FFFFh
338000h–33FFFFh
SA111
1101000xxx
64/32
680000h–68FFFFh
340000h–347FFFh
SA112
1101001xxx
64/32
690000h–69FFFFh
348000h–34FFFFh
SA113
1101010xxx
64/32
6A0000h–6AFFFFh
350000h–357FFFh
SA114
1101011xxx
64/32
6B0000h–6BFFFFh
358000h–35FFFFh
SA115
1101100xxx
64/32
6C0000h–6CFFFFh
360000h–367FFFh
SA116
1101101xxx
64/32
6D0000h–6DFFFFh
368000h–36FFFFh
SA117
1101110xxx
64/32
6E0000h–6EFFFFh
370000h–377FFFh
SA118
1101111xxx
64/32
6F0000h–6FFFFFh
378000h–37FFFFh
Table 2.
Am29DL640D Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com