Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857BV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC857BV
Description  PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BV Datasheet(HTML) 2 Page - Diodes Incorporated

  BC857BV Datasheet HTML 1Page - Diodes Incorporated BC857BV Datasheet HTML 2Page - Diodes Incorporated BC857BV Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30433 Rev. 3 - 2
2 of 3
BC857BV
www.diodes.com
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 4)
V(BR)CBO
-50
—
—
V
IC = 10mA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 4)
V(BR)CEO
-45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 4)
V(BR)EBO
-5
—
—
V
IE = 1mA, IC = 0
DC Current Gain
(Note 4)
hFE
220
290
475
—
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage
(Note 4)
VCE(SAT)
—
—
—
-100
-400
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
(Note 4)
VBE(SAT)
—
—
-700
-900
—
—
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage
(Note 4)
VBE(ON)
-600
—
—
—
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current
(Note 4)
ICBO
—
—
—
—
-15
-4.0
nA
µA
VCB = -30V
VCB = -30V, TA = 150°C
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Output Capacitance
COB
—
—
4.5
pF
VCB = -10V, f = 1.0MHz
Noise Figure
NF
—
—
10
dB
IC = -0.2mA, VCE = -5.0Vdc,
RS = 2.0KW, f = 1.0KHz,
BW = 200Hz
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. For Packaging Details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
@ TA = 25°C unless otherwise specified
Ordering Information (Note 5)
Device
Packaging
Shipping
BC857BV-7
SOT-563
3000/Tape & Reel
K5V YM
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
K5V = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
Year
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
P
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com