Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ24CS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ24CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ24CS Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ24CS Datasheet HTML 1Page - Diodes Incorporated DDZ24CS Datasheet HTML 2Page - Diodes Incorporated DDZ24CS Datasheet HTML 3Page - Diodes Incorporated DDZ24CS Datasheet HTML 4Page - Diodes Incorporated DDZ24CS Datasheet HTML 5Page - Diodes Incorporated DDZ24CS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pb
Lead-free
DS30414 Rev. 4 - 2
1 of 6
DDZ5V1BS - DDZ43S
www.diodes.com
ã Diodes Incorporated
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Very Low Leakage Current
·
Lead Free By Design/RoHS Compliant (Note 7)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
DDZ5V1BS - DDZ43S
SURFACE MOUNT PRECISION ZENER DIODE
A
B
C
D
E
G
H
J
·
Case: SOD-323
·
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking & Type Code Information: See Electrical Specifications
Table
·
Ordering Information: See Last Page
·
Weight: 0.004 grams (approximate)
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Thermal Characteristics @ TA = 25°C unless otherwise specified
SPICE MODEL: DDZ5V1BS DDZ5V6BS DDZ6V2BS DDZ6V8CS DDZ7V5CS DDZ8V2CS DDZ9V1CS DDZ10CS DDZ11CS DDZ12CS DDZ13BS DDZ14S
DDZ15S DDZ16S DDZ18CS DDZ20CS DDZ22DS DDZ24CS DDZ27DS DDZ30DS DDZ33S DDZ36S DDZ39FS DDZ43S


Similar Part No. - DDZ24CS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ24CS DIODES-DDZ24CS Datasheet
273Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 10
DDZ24CSF DIODES-DDZ24CSF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ24CSF DIODES-DDZ24CSF Datasheet
223Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 20
More results

Similar Description - DDZ24CS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
UDZ5V1B DIODES-UDZ5V1B_08 Datasheet
135Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 12
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 5
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 9
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com