Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDS322DB100WMIN Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29PDS322DB100WMIN
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDS322DB100WMIN Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29PDS322DB100WMIN Datasheet HTML 13Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 14Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 15Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 16Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 17Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 18Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 19Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 20Page - Advanced Micro Devices AM29PDS322DB100WMIN Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
December 4, 2006 23569A5
Am29PDS322D
15
D A TA
SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ15–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
gramme d with its corresponding programm ing
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID (8.5 V to 12.5 V) on address pin A9.
Address pins A6, A1, and A0 must be as shown in
Table 7. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Tables 3 through 6).
Table 7 shows the remaining address bits that are
don’t care. When all necessary bits have been set as
required, the programming equipment may then read
the corresponding identifier code on DQ15–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 10. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
Table 7.
Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Description
CE# OE# WE#
A20
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15 to DQ0
Manufacturer ID:
AMD
LL
H
X
X
VID
XLX
X
XL
L
0001h
Device ID Word 1
L
L
H
X
X
VID
XLXL
L
L
H
227Eh
Device ID Word 2
L
L
H
X
X
V
ID
X
L
X
HHH
L
2206h
Device ID Word 3:
Top or Bottom Boot
LL
H
X
X
V
ID
X
L
X
HHH
H
2201h (Top Boot),
2200h (Bottom Boot)
Sector Protection
Verification
LL
H
SAX
VID
XLX
X
X
H
L
XX01h (protected),
XX00h (unprotected)
SecSi Indicator Bit
(DQ7),
WP# protects
highest address
sector
LL
H
X
X
VID
XLX
X
X
H
H
80h (factory locked),
00h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com