Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P320DB60RI Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # P320DB60RI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

P320DB60RI Datasheet(HTML) 3 Page - Advanced Micro Devices

  P320DB60RI Datasheet HTML 1Page - Advanced Micro Devices P320DB60RI Datasheet HTML 2Page - Advanced Micro Devices P320DB60RI Datasheet HTML 3Page - Advanced Micro Devices P320DB60RI Datasheet HTML 4Page - Advanced Micro Devices P320DB60RI Datasheet HTML 5Page - Advanced Micro Devices P320DB60RI Datasheet HTML 6Page - Advanced Micro Devices P320DB60RI Datasheet HTML 7Page - Advanced Micro Devices P320DB60RI Datasheet HTML 8Page - Advanced Micro Devices P320DB60RI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Publication# 24075
Rev: C Amendment/+3
Issue Date: June 13, 2005
Refer to AMD’s Website (www.amd.com/flash) for the latest information.
Am29PL320D
32 Megabit (2 M x 16-Bit/1 M x 32-Bit)
CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ 32 Mbit Page Mode device
— Word (16-bit) or double word (32-bit) mode
selectable via WORD# input
— Page size of 8 words/4 double words: Fast page
read access from random locations within the
page
■ Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
— Regulated voltage range: 3.0 to 3.6 volt read and
write operations and for compatibility with high
performance 3.3 volt microprocessors
■ Flexible sector architecture
— Sector sizes (x16 configuration): One 16 Kword,
two 8 Kword, one 96 Kword and fifteen 128
Kword sectors
— Supports full chip erase
■ SecSi
™ (Secured Silicon) Sector region
— Current version of device has 512 words (256
double words); future versions will have 128
words (64 double words)
■ Top or bottom boot block configuration
■ Manufactured on 0.23 µm process technology
■ 20-year data retention at 125
°C
■ Minimum 1 million erase cycles guarantee
per sector
PERFORMANCE CHARACTERISTICS
■ High performance read access times
— Page access times as fast as 20 ns
— Random access times as fast as 60 ns
■ Power consumption (typical values)
— Initial page read current: 4 mA (1 MHz),
40 mA (10 MHz)
— Intra-page read current: 15 mA (10 MHz),
50 mA (33 MHz)
— Program/erase current: 25 mA
— Standby mode current: 2 µA
SOFTWARE FEATURES
■ Software command-set compatible with JEDEC
standard
— Backward compatible with Am29F and Am29LV
families
■ CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
■ Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
■ Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
HARDWARE FEATURES
■ Sector Protection
— A hardware method of locking a sector to prevent
any program or erase operations within that
sector
— Sectors can be locked via programming
equipment
— Temporary Sector Unprotect command
sequence allows code changes in previously
locked sectors
■ ACC (Acceleration) input provides faster
programming times
■ WP# (Write Protect) input
—At VIL, protects the first or last 32 Kword sector,
regardless of sector protect/unprotect status
—At VIH, allows removal of sector protection
— An internal pull up to VCC is provided
■ Package Options
— 84-ball FBGA
This product has been retired and is not recommended for designs. For new and current designs, S29GL032M supersedes Am29PL320D and is the factory-recommended migration path.
Please refer to the S29GL032M datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com