Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B90DTC1 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F010B90DTC1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B90DTC1 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F010B90DTC1 Datasheet HTML 1Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 2Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 3Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 4Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Am29F010B Known Good Die
3
SU PP L E ME NT
PRODUCT SELECTOR GUIDE
DIE PHOTOGRAPH
DIE PAD LOCATIONS
Family Part Number
Am29F010B KGD
Speed Option (VCC = 5.0 V ± 10%)
-90
-120
Max Access Time, tACC (ns)
90
120
Max CE# Access, tCE (ns)
90
120
Max OE# Access, tOE (ns)
35
50
AMD logo location
1
2
3
4
5
6
7
8
9
11 12 13 14 15
21
20
19
18
17
16
24
25
26
27
28
29
30
22
10
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com