Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160G Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 68Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 69Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 70Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
70
Am29BDD160G
June 7, 2006
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the section for more information.
Parameter
All Speed Options
JEDEC
Std.
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min65
ns
tAVEL
tAS
Address Setup Time
Min0
ns
tELAX
tAH
Address Hold Time
Min45
ns
tDVEH
tDS
Data Setup Time
Min
35ns
tEHDX
tDH
Data Hold Time
Min2
ns
tOES
Output Enable Setup Time
Min0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min0
ns
t
WLEL
t
WS
WE# Setup Time
Min0
ns
t
EHWH
t
WH
WE# Hold Time
Min0
ns
t
WADVS
WE# Rising Edge Setup to ADV# Falling Edge
Min5
ns
t
WP
WE# Width
Min15
ns
t
WADVH
WE# Falling Edge After ADV# Falling Edge
Min0
ns
t
WCKS
WE# Rising Edge Setup to CLK Rising Edge
Min5
ns
t
ELEH
t
CP
CE# Pulse Width
Min
35ns
t
EHEL
t
CPH
CE# Pulse Width High
Min
30ns
t
WHWsH1
t
WHWH1
Programming Operation (Note 2)
Typ
9µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com