Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B90DWC1 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29F010B90DWC1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B90DWC1 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29F010B90DWC1 Datasheet HTML 2Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 3Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 4Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 9Page - Advanced Micro Devices AM29F010B90DWC1 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4
Am29F010B Known Good Die
SU PP L E ME NT
PAD DESCRIPTION
Note: The coordinates above are relative to the center of pad 1 and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
0.00
0.00
0.00
0.00
2
A16
–6.78
0.00
–0.17
0.00
3
A15
–12.20
0.00
–0.31
0.00
4
A12
–18.03
0.00
–0.46
0.00
5
A7
–23.46
0.00
–0.60
0.00
6
A6
–29.29
0.00
–0.74
0.00
7
A5
–34.72
0.00
–0.88
0.00
8
A4
–41.75
–5.01
–1.06
–0.13
9
A3
–41.14
–116.93
–1.04
–2.97
10
A2
–41.30
–134.13
–1.05
–3.41
11
A1
–35.88
–134.13
–0.91
–3.41
12
A0
–30.04
–134.13
–0.76
–3.41
13
D0
–23.81
–133.31
–0.60
–3.39
14
D1
–17.89
–133.31
–0.45
–3.39
15
D2
–12.06
–133.31
–0.31
–3.39
16
VSS
–6.40
–133.31
–0.16
–3.39
17
D3
–0.59
–133.31
–0.01
–3.39
18
D4
5.25
–133.31
0.13
–3.39
19
D5
11.16
–133.31
0.28
–3.39
20
D6
17.00
–133.31
0.43
–3.39
21
D7
22.92
–133.31
0.58
–3.39
22
CE#
29.09
–134.37
0.74
–3.41
23
A10
35.02
–134.13
0.89
–3.41
24
OE#
34.68
–116.93
0.88
–2.97
25
A11
35.45
–5.01
0.90
–0.13
26
A9
29.27
–0.25
0.74
–0.01
27
A8
23.34
0.00
0.59
0.00
28
A13
17.92
0.00
0.46
0.00
29
A14
12.08
0.00
0.31
0.00
30
WE#
6.66
0.00
0.17
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com