Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV642D Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29LV642D
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV642D Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29LV642D Datasheet HTML 17Page - Advanced Micro Devices AM29LV642D Datasheet HTML 18Page - Advanced Micro Devices AM29LV642D Datasheet HTML 19Page - Advanced Micro Devices AM29LV642D Datasheet HTML 20Page - Advanced Micro Devices AM29LV642D Datasheet HTML 21Page - Advanced Micro Devices AM29LV642D Datasheet HTML 22Page - Advanced Micro Devices AM29LV642D Datasheet HTML 23Page - Advanced Micro Devices AM29LV642D Datasheet HTML 24Page - Advanced Micro Devices AM29LV642D Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
May 5, 2006 25022A2
Am29LV642D
19
DA TA
SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID (8.5 V to 12.5 V) on address pin A9.
Address pins A6, A1, and A0 must be as shown in
Table 4. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Table 2 and Table 3).
Table 4 shows the remaining address bits that are
don’t care. When all necessary bits have been set as
required, the programming equipment may then read
the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 10. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
Table 4.
Am29LV642D Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Notes:
1. CE# can be replaced with CE2# when referring to the second die in the package.
2. The device ID’s used for the Am29LV642 are the same as the Am29LV640, because the Am29LV642 uses two Am29LV640
dice and appears to the system as two Am29LV640 devices.
Description
CE#
OE#
WE#
A21
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ15 to DQ0
Manufacturer ID: AMD
L
L
H
X
X
V
ID
X
L
X
L
L
0001h
Device ID: Am29LV642D
L
L
H
X
X
V
ID
X
L
X
L
H
22D7h
Sector Protection
Verification
L
L
H
SA
X
V
ID
X
L
X
H
L
XX01h (protected),
XX00h (unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com