Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F200BT-50SC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F200BT-50SC
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200BT-50SC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F200BT-50SC Datasheet HTML 1Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 2Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 3Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 4Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 5Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 6Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 7Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 8Page - Advanced Micro Devices AM29F200BT-50SC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
DATA SHEET
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21526
Rev: D Amendment: 4
Issue Date: November 1, 2006
Am29F200B
2 Megabit (256 K x 8-Bit/128 K x 16-Bit)
CMOS 5.0 Volt-only, Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
■ 5.0 V for read and write operations
— Minimizes system level power requirements
■ Manufactured on 0.32 µm process technology
— Compatible with 0.5 µm Am29F200A device
■ High performance
— Access times as fast as 45 ns
■ Low power consumption
— 20 mA typical active read current (byte mode)
— 28 mA typical active read current for
(word mode)
— 30 mA typical program/erase current
— 1 µA typical standby current
■ Sector erase architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
three 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
three 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to
prevent any program or erase operations within
that sector
Sectors can be locked via programming equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■ Top or bottom boot block configurations available
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■ Minimum 1,000,000 write/erase cycles guaranteed
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ Package options
— 44-pin SO
— 48-pin TSOP
— Known Good Die (KGD)
(see publication number 21257)
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
■ Data# Polling and Toggle Bit
— Detects program or erase cycle completion
■ Ready/Busy# output (RY/BY#)
— Hardware method for detection of program or
erase cycle completion
■ Erase Suspend/Erase Resume
— Supports reading data from a sector not
being erased
■ Hardware RESET# pin
— Resets internal state machine to the reading
array data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com