Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F200BB-55SC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F200BB-55SC
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200BB-55SC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F200BB-55SC Datasheet HTML 1Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 2Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 3Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 4Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 5Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 6Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 7Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 8Page - Advanced Micro Devices AM29F200BB-55SC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
November 1, 2006 21526D4
Am29F200B
3
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Am29F200B Device Bus Operations ..................................8
Word/Byte Configuration .......................................................... 8
Requirements for Reading Array Data ..................................... 8
Writing Commands/Command Sequences .............................. 8
Program and Erase Operation Status ...................................... 9
Standby Mode .......................................................................... 9
RESET#: Hardware Reset Pin ................................................. 9
Output Disable Mode ................................................................ 9
Table 2. Am29F200T Top Boot Block Sector Address Table .........10
Table 3. Am29F200B Bottom Boot Block Sector Address Table ....10
Autoselect Mode ..................................................................... 10
Table 4. Am29F200B Autoselect Codes (High Voltage Method) ....11
Sector Protection/Unprotection ............................................... 11
Temporary Sector Unprotect .................................................. 11
Figure 1. Temporary Sector Unprotect Operation........................... 11
Hardware Data Protection ...................................................... 11
Low VCC Write Inhibit ......................................................................12
Write Pulse “Glitch” Protection ........................................................12
Logical Inhibit ..................................................................................12
Power-Up Write Inhibit ....................................................................12
Command Definitions . . . . . . . . . . . . . . . . . . . . . 12
Reading Array Data ................................................................ 12
Reset Command ..................................................................... 12
Autoselect Command Sequence ............................................ 12
Word/Byte Program Command Sequence ............................. 13
Figure 2. Program Operation .......................................................... 13
Chip Erase Command Sequence ........................................... 13
Sector Erase Command Sequence ........................................ 14
Erase Suspend/Erase Resume Commands ........................... 14
Figure 3. Erase Operation............................................................... 15
Command Definitions ............................................................. 16
Table 5. Am29F200B Command Definitions ...................................16
DQ7: Data# Polling ................................................................. 17
Figure 4. Data# Polling Algorithm ................................................... 17
RY/BY#: Ready/Busy# ........................................................... 18
DQ6: Toggle Bit I .................................................................... 18
DQ2: Toggle Bit II ................................................................... 18
Reading Toggle Bits DQ6/DQ2 ............................................... 18
DQ5: Exceeded Timing Limits ................................................ 19
DQ3: Sector Erase Timer ....................................................... 19
Figure 5. Toggle Bit Algorithm........................................................ 19
Table 6. Write Operation Status ..................................................... 20
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 21
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 21
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 22
TTL/NMOS Compatible .......................................................... 22
CMOS Compatible .................................................................. 23
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 8. Test Setup....................................................................... 24
Table 7. Test Specifications ........................................................... 24
Key to Switching Waveforms. . . . . . . . . . . . . . . . 24
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 25
Read Operations .................................................................... 25
Figure 9. Read Operations Timings ............................................... 25
Hardware Reset (RESET#) .................................................... 26
Figure 10. RESET# Timings .......................................................... 26
Word/Byte Configuration (BYTE#)
...................................... 27
Figure 11. BYTE# Timings for Read Operations............................ 27
Figure 12. BYTE# Timings for Write Operations............................ 27
Erase/Program Operations ..................................................... 28
Figure 13. Program Operation Timings.......................................... 29
Figure 14. Chip/Sector Erase Operation Timings .......................... 30
Figure 15. Data# Polling Timings (During Embedded Algorithms). 31
Figure 16. Toggle Bit Timings (During Embedded Algorithms)...... 31
Figure 17. DQ2 vs. DQ6................................................................. 32
Temporary Sector Unprotect .................................................. 32
Figure 18. Temporary Sector Unprotect Timing Diagram .............. 32
Alternate CE# Controlled Erase/Program Operations ............ 33
Figure 19. Alternate CE# Controlled Write Operation Timings ...... 34
Erase and Programming Performance . . . . . . . . 35
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 35
TSOP and SO Pin Capacitance . . . . . . . . . . . . . . 35
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 36
SO 044—44-Pin Small Outline Package ................................ 36
TS 048—48-Pin Standard Thin Small Outline Package ......... 37
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com