Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM293
Description  Low power dual voltage comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM293 Datasheet(HTML) 3 Page - NXP Semiconductors

  LM293 Datasheet HTML 1Page - NXP Semiconductors LM293 Datasheet HTML 2Page - NXP Semiconductors LM293 Datasheet HTML 3Page - NXP Semiconductors LM293 Datasheet HTML 4Page - NXP Semiconductors LM293 Datasheet HTML 5Page - NXP Semiconductors LM293 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
LM193/A/293/A/393/A/2903
Low power dual voltage comparator
1995 Nov 27
3
DC AND AC ELECTRICAL CHARACTERISTICS
V+=5VDC, LM193/193A: -55
°C TA ≤ +125°C, unless otherwise specified. LM293/293A: -25°C TA ≤ +85°C, unless otherwise specified.
LM393/393A: 0
°C TA ≤ +70°C, unless otherwise specified. LM2903: -40°C TA ≤ +125°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM193A
LM293A/393A
LM2903
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage2
TA=25°C
Over temp.
±1.0
±2.0
±4.0
±1.0
±2.0
±4.0
±2.0
±9
±7.0
±15
mV
mV
VCM
Input common-mode
voltage range3, 6
TA=25°C
Over temp.
0
0
V+-1.5
V+-2.0
0
0
V+-1.5
V+-2.0
0
0
V+-1.5
V+-2.0
V
V
VIDR
Differential input
voltage1
Keep all VINs ≥0VDC (or
V- if need)
V+
V+
V+
V
IBIAS
Input bias current4
IIN(+) or IIN(-) with output
in linear range
TA=25°C
Over temp.
25
100
300
25
250
400
25
200
250
500
nA
nA
IOS
Input offset current
IIN(+)-IIN(-)
TA=25°C
Over temp.
±3.0
±25
±100
±5.0
±50
±150
±5
±50
±50
±200
nA
nA
IOL
Output sink current
VIN(-)≥1VDC, VIN(+)=0,
V0≤1.5VDC
TA=25°C
6.0
16
6.0
16
6.0
16
mA
Output leakage
current
V0=5VDC, TA=25°C
VIN(+)≥1VDC, VIN(-)=0
V0=30VDC
Over temp.
0.1
1.0
0.1
1.0
0.1
1.0
nA
µA
ICC
Supply current
RL=∞ on both
comparators, TA=25°C
0.8
1
0.8
1
0.8
1
mA
ICC
Supply current
RL=∞ on both
comparators, V+=30V
1
2.5
1
2.5
1
2.5
mA
AV
Voltage gain
RL≥15kΩ, V+=15VDC,
TA=25°C
50
200
50
200
25
100
V/mV
VOL
Saturation voltage
VIN(-)≥1VDC, VIN(+)=0,
VOL
Saturation voltage
ISINK≤4mA
VOL
Saturation voltage
OL
TA=25°C
250
400
250
400
400
400
mV
Over temp.
700
700
700
mV
tLSR
Large-signal
response time
VIN=TTL logic swing,
VREF=1.4VDC
VRL=5VDC, RL=5.1kΩ,
TA=25°C
300
300
300
ns
tR
Response time5
VRL=5VDC, RL=5.1kΩ
TA=25°C
1.3
1.3
1.3
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com