Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC8-DK Datasheet(PDF) 1 Page - CUI Devices

Part # AC8-DK
Description  IEC C5 AC POWER CORD, UK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AC8-DK Datasheet(HTML) 1 Page - CUI Devices

  AC8-DK Datasheet HTML 1Page - CUI Devices AC8-DK Datasheet HTML 2Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 10/25/2022
page 1 of 2
MODEL: AC8-DK | DESCRIPTION: IEC C5 AC POWER CORD, UK
cuidevices.com
MECHANICAL DRAWING
units: mm
cuidevices.com
Additional Resources: Product Page


Similar Part No. - AC8-DK

ManufacturerPart #DatasheetDescription
logo
CUI INC
AC8-DK CUI-AC8-DK Datasheet
193Kb / 2P
IEC C5 ac POWER cord, UK
More results

Similar Description - AC8-DK

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2530 SCHURTER-2530 Datasheet
360Kb / 2P
Power Cord with IEC Connector C5, Straight
logo
Tripp Lite. All Rights ...
P01406N TRIPPLITE-P01406N Datasheet
480Kb / 2P
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
P060006 TRIPPLITE-P060006 Datasheet
479Kb / 2P
Standard UK Computer Power Cord (C5 to BS-1363 UK Plug), 6-ft
logo
CUI INC
AC7-DK CUI-AC7-DK Datasheet
142Kb / 2P
IEC C5 AC POWER CORD, europe
AC8-DK CUI-AC8-DK Datasheet
193Kb / 2P
IEC C5 ac POWER cord, UK
logo
Schurter Inc.
6044.0215 SCHURTER-6044.0215 Datasheet
287Kb / 3P
UK Power Supply Cord with IEC Connector C13, straight
6052.0042 SCHURTER-6052.0042 Datasheet
153Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
logo
Tripp Lite. All Rights ...
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
logo
Schurter Inc.
6052.0042 SCHURTER-6052.0042_V01 Datasheet
276Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
05.08.2021
logo
CUI Devices
AC7-DK CUID-AC7-DK Datasheet
332Kb / 2P
IEC C5 AC POWER CORD, EUROPE
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com