Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNC Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # UNC
Description  Spark Gap Protectors (SPG)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UNC Datasheet(HTML) 2 Page - UN Semiconducctor INC

  UNC Datasheet HTML 1Page - UN Semiconducctor INC UNC Datasheet HTML 2Page - UN Semiconducctor INC UNC Datasheet HTML 3Page - UN Semiconducctor INC UNC Datasheet HTML 4Page - UN Semiconducctor INC UNC Datasheet HTML 5Page - UN Semiconducctor INC UNC Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Spark Gap Protectors (SPG)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/5
UNC Series
Part Number
DC
Spark-over
Voltage
Maximum
Capacitance
1KHZ-6Vmax
C (pF)
Surge Life Test
Surge Current
Capacity
(8/20μ S)
Minimum
Insulation
Resistance
UNC-141N
UNC-181N
UNC-201M
UNC-251M
UNC-301M
UNC-401M
UNC-471M
UNC-501M
UNC-601M
UNC-102M
UNC-152M
UNC-242M
UNC-272M
UNC-302M
UNC-362M
140(98~182)
180(126~234)
200(160~240)
250(200~300)
300(240~360)
400(320~480)
470(400~560)
500(400~600)
600(480~720)
1000(800~1200)
1500(1200~1800)
2400(1920~2880)
2700(2250~3240)
3000(2400~3600)
3600(2880~4320)
50
50
100
100
100
250
250
250
250
500
500
500
500
500
500
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10KV / 150A, >300T
10KV / 150A, >300T
10KV / 150A,>300T
10KV / 150A,>300T
10KV / 150A, >300T
10KV / 150A, >300T
10KV / 150A, >300T
10KV / 150A,>300T
10KV / 150A, >300T
10KV / 150A,>300T
10KV / 150A, >300T
10KV / 150A,>300T
10KV / 150A, >300T
10KV / 150A,>300T
10KV / 150A,>300T
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
3000A
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Part Number
Color Code1
Color Code3
Color Code2
UNC-141N
UNC-201M
UNC-301M
UNC-401M
UNC-501M
UNC-601M
UNC-102M
UNC-152M
UNC-242M
UNC-272M
UNC-302M
UNC 362M
Brown
Red
Orange
Yellow
Green
Blue
Black
Black
Red
Red
Orange
Orange
White
White
White
White
Red
Orange
Red
Red
Red
Red
Red
Red
Red
Brown
Red
Brown
Orange
Red
Black
Green
Purple
Purple
Black
Blue
Color Code
Test
Voltage(V)
IROHM
(MΩ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com