Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640MU Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29LV640MU
Description  64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MU Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LV640MU Datasheet HTML 35Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 36Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 37Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 38Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 39Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 40Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 41Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 42Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
February 1, 2007 25301C5
Am29LV640MU
37
D A TA
SH EE T
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. The I
CC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. Maximum I
CC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode current is
200 nA.
5. If VIO < VCC, maximum VIL for CE# and DQ I/Os is 0.3 VIO. If VIO < VCC, minimum VIH for CE# and DQ I/Os is 0.7 VIO. Maximum VIH
for these connections is V
IO + 0.3 V
6. VCC voltage requirements.
7. V
IO voltage requirements. VCC = 3 V and VIO = 3 V or 1.8 V. When VIO is at 1.8 V, I/Os cannot operate at 3 V.
8. Not 100% tested.
9. Includes RY/BY#.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current (Note 1)
V
IN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, ACC Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LR
Reset Leakage Current
V
CC = VCC max; RESET# = 12.5 V
35
µA
I
CC1
VCC Active Read Current
(Notes 1, 2)
CE# = V
IL, OE# = VIH
5 MHz
15
20
mA
1 MHz
15
20
I
CC2
VCC Initial Page Read Current
(Notes 1, 2)
CE# = V
IL, OE# = VIH
30
50
mA
ICC3
V
CC Intra-Page Read Current
(Notes 1, 2)
CE# = VIL, OE# = VIH
10
20
mA
I
CC4
V
CC Active Write Current (Notes 2, 3)
CE# = V
IL, OE# = VIH
50
60
mA
I
CC5
V
CC Standby Current (Note 2)
CE#, RESET# = V
CC ± 0.3 V
1
5
µA
I
CC6
V
CC Reset Current (Note 2)
RESET# = V
SS ± 0.3 V
1
5
µA
I
CC7
Automatic Sleep Mode (Notes 2, 4)
V
IH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
15
µA
VIL1
Input Low Voltage 1(Notes 5, 6)
–0.5
0.8
V
VIH1
Input High Voltage 1 (Notes 5, 6)
0.7 x VCC
VCC + 0.5
V
VIL2
Input Low Voltage 2 (Notes 5, 7)
–0.5
0.3 x VIO
V
VIH2
Input High Voltage 2 (Notes 5, 7)
0.7 x VIO
VIO + 0.5
V
VHH
Voltage for ACC Program
Acceleration
VCC = 2.7 –3.6 V
11.5
12.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 2.7 –3.6 V
11.5
12.5
V
VOL
Output Low Voltage (Note 9)
IOL = 4.0 mA, VCC = VCC min = VIO
0.15 x VIO
V
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min = VIO
0.85 VIO
V
VOH2
IOH = –100 µA, VCC = VCC min = VIO
VIO–0.4
V
VLKO
Low VCC Lock-Out Voltage (Note 8)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com