Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV256MH113REF Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM29LV256MH113REF
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256MH113REF Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM29LV256MH113REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 66Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 67Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 68Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 69Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
64
Am29LV256M
December 16, 2005
D A TA SH EE T
PHYSICAL DIMENSIONS
LAC064—64-Ball Fortified Ball Grid Array
18 x 12 mm Package
3243 \ 16-038.12d
PACKAGE
LAC 064
JEDEC
N/A
18.00 mm x 12.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.40
PROFILE HEIGHT
A1
0.40
---
---
STANDOFF
A2
0.60
---
---
BODY THICKNESS
D
18.00 BSC.
BODY SIZE
E
12.00 BSC.
BODY SIZE
D1
7.00 BSC.
MATRIX FOOTPRINT
E1
7.00 BSC.
MATRIX FOOTPRINT
MD
8
MATRIX SIZE D DIRECTION
ME
8
MATRIX SIZE E DIRECTION
N
64
BALL COUNT
φb
0.50
0.60
0.70
BALL DIAMETER
eD
1.00 BSC.
BALL PITCH - D DIRECTION
eE
1.00 BSC.
BALL PITCH - E DIRECTION
SD / SE
0.50 BSC.
SOLDER BALL PLACEMENT
NONE
DEPOPULATED SOLDER BALLS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JESD 95-1, SPP-010 (EXCEPT
AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE TOTAL NUMBER OF SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW PARALLEL TO THE D OR E DIMENSION,
RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. NOT USED.
9. "+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
BOTTOM VIEW
SIDE VIEW
TOP VIEW
2X
2X
C
0.20
C
0.20
6
7
7
A
M
M C
C
φ 0.10
φ 0.25
B
C
0.25
0.15 C
A
B
C
SEATING PLANE
eD
(INK OR LASER)
CORNER
A1
A2
D
E
A1 CORNER ID.
1.00±0.5
A
A1
CORNER
A1
NX
φb
SD
SE
eE
E1
D1
1
2
3
4
5
6
7
8
A
CB
D
FE
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com