Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV256ML113REF Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM29LV256ML113REF
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256ML113REF Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM29LV256ML113REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 66Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 67Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 68Page - Advanced Micro Devices AM29LV256ML113REF Datasheet HTML 69Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
December 16, 2005
Am29LV256M
65
D A TA SH EE T
REVISION SUMMARY
Revision A (August 3, 2001)
Initial release as abbreviated Advance Information
data sheet.
Revision A+1 (September 12, 2001)
Ordering Information
Changed package part number designation from WH
to PC.
Physical Dimensions
Added the TS056 and LAA064 packages.
Revision A+2 (October 3, 2001)
Global
Corrected title from 64 Mbit to 256 Mbit. Added 120 ns
speed option.
Distinctive Characteristics
SecSi
TM (Secured Silicon) Sector region: Corrected
64-byte to 256-byte.
Connection Diagram
Modified Fortified BGA ball grid to an 8 x 8 ball matrix.
Changed RFU (reserved for future use) balls to NC
(No Connection).
Ordering Information
Changed operating voltage range on 90 ns speed op-
tion to 3.0–3.6 V.
Pin Description
Added A-1 description.
Revision A+3 (March 25, 2002)
Distinctive Characteristics
Clarified description of Enhanced VersatileIO control.
Physical Dimensions
Added drawing that shows both TS056 and TSR056
specifications.
Revision B (July 1, 2002)
Expanded data sheet to full specification version.
Revision B+1 (July 10, 2002)
Ordering Information, Physical Dimensions
Corrected package description to LAC064, 18 x 12
mm Fortified BGA.
DC Characteristics table
Deleted I
ACC specification.
Revision B+2 (September 9, 2002)
Product Selector Guide, Ordering Information,
Read-Only Operations, Erase and Program
Operations, and Alternate CE# Controlled Erase
and Program Operations
Added regulated OPNs.
Changed all OPNs that end with 4 or 9 to end with 3 or
8.
Changed all package markings that contain combina-
tions that end with 4 or 9 to end with 3 or 8.
CFI
Modified wording of last paragraph to read: “reading
array data.”
Program Suspend/Program Resume Command
Sequence
Changed 15 µs typical to maximum and added 5 µs
typical.
Erase Suspend/Erase Resume Commands
Changed typical from 20 µs to 5 µs and added a maxi-
mum of 20 µs.
LAC064—64-Ball Fortified Ball Grid Array
Added final package drawing.
Revision B+3 (October 23, 2002)
SecSi (Secured Silicon) Sector Flash
Memory Region
Added x8 address range.
Physical Dimensions
Modified drawing to show the actual number of balls
on device package.
Revision B+4 (November 6, 2002)
Global
Removed the Enhanced VI/O option and changed it to
VI/O only.
Product Selector Guide
Removed the 98R, 108, 108R, 118, 118R, 128, and
128R Speed Options.
Modified Note #2.
Moved V
IO from far left side of the block diagram and
moved it to Input/Output Buffers.
Ordering Information
Modified Order numbers and package markings to re-
flect the removal of speed options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com