Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV256MH123REF Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29LV256MH123REF
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256MH123REF Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29LV256MH123REF Datasheet HTML 2Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 3Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 4Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 5Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 6Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 7Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 8Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 9Page - Advanced Micro Devices AM29LV256MH123REF Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
4
Am29LV256M
December 16, 2005
D A TA SH EE T
PRODUCT SELECTOR GUIDE
Notes:
1.
See “AC Characteristics” for full specifications.
2.
Contact factory for availability and ordering information.
BLOCK DIAGRAM
Part Number
Am29LV256M
Speed/
Voltage
Option
Regulated Voltage Range
V
CC = 3.0–3.6 V
103R
(Note 2)
(V
IO = 2.7–3.6)
113R
(V
IO = 1.65–3.6)
123R
(V
IO = 1.65–3.6)
Full Voltage Range
V
CC = 2.7–3.6 V
103
(Note 2)
(V
IO = 2.7–3.6)
113
(Note 2)
(V
IO = 1.65–3.6)
123
(Note 2)
(V
IO = 1.65–3.6)
Max. Access Time (ns)
100
110
120
Max. CE# Access Time (ns)
100
110
120
Max. Page access time (t
PACC)
303040
30
40
Max. OE# Access Time (ns)
30
30
40
30
40
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC Detector
State
Control
Command
Register
VCC
V
SS
WE#
WP#/ACC
BYTE#
CE#
OE#
STB
STB
DQ0
–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A23–A0
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com