Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41000000G Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # M41000000G
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000000G Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button M41000000G Datasheet HTML 55Page - Advanced Micro Devices M41000000G Datasheet HTML 56Page - Advanced Micro Devices M41000000G Datasheet HTML 57Page - Advanced Micro Devices M41000000G Datasheet HTML 58Page - Advanced Micro Devices M41000000G Datasheet HTML 59Page - Advanced Micro Devices M41000000G Datasheet HTML 60Page - Advanced Micro Devices M41000000G Datasheet HTML 61Page - Advanced Micro Devices M41000000G Datasheet HTML 62Page - Advanced Micro Devices M41000000G Datasheet HTML 63Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 63 page
background image
62
Am41DL6408G
August 19, 2002
P R E L I M INARY
REVISION SUMMARY
Revision A (October 24, 2001)
Initial release.
Revision A+1 (November 26, 2001)
Global
The abbreviation for Sector Address has been
changed from SA to SADD.
Connection Diagrams
Changed ball E4 to “Shared” coloring.
Tables 1–4, Device Bus Operations
Added Table 4. Changed formatting and specifications
to be consistent with other AMD flash memory mu-
lit-chip offerings.
Table 6, Bank Address
Added table.
Table 13, Primary Vendor-Specific Extended Query
Modified descriptions for addresses 4Ah, 4Fh. Deleted
note.
Table 14, Am29DL640G Command Definitions
Corrected descriptions for SADD and BA in legend.
Clarified Note 5.
DC Characteristics table
Changed minimum specification for V
ID.
Flash Read-Only Operations table
Changes maximum t
OE for 85 ns SRAM.
Erase and Program Operations table, Alternate
CE#f Controlled Erase and Program Operations
table
Changed t
AH specification for both 70 and 85 ns.
Changed t
DS for 70 ns, tWHWH1, tWHWH2, and tBUSY.
Flash Erase And Programming Performance table
Changed typical and maximum specifications for sec-
tor erase time. Changed typical specification of chip
erase.
Revision B (August 19, 2002)
Global
Added 55 ns SRAM speed grade.
MCP Block Diagram
Removed A-1 from DQ15/A-1 input to Flash Memory
and SRAM
Trademarks
Copyright © 2002 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com