Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L640GU53RI Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # L640GU53RI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L640GU53RI Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button L640GU53RI Datasheet HTML 47Page - Advanced Micro Devices L640GU53RI Datasheet HTML 48Page - Advanced Micro Devices L640GU53RI Datasheet HTML 49Page - Advanced Micro Devices L640GU53RI Datasheet HTML 50Page - Advanced Micro Devices L640GU53RI Datasheet HTML 51Page - Advanced Micro Devices L640GU53RI Datasheet HTML 52Page - Advanced Micro Devices L640GU53RI Datasheet HTML 53Page - Advanced Micro Devices L640GU53RI Datasheet HTML 54Page - Advanced Micro Devices L640GU53RI Datasheet HTML 55Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
June 14, 2005
Am29LV641G
52
ADV ANCE
I N FO RMAT I O N
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1.
Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC, 1,000,000 cycles. Additionally, programming typicals
assume checkerboard pattern.
2.
Under worst case conditions of 90
°C, V
CC = 3.0 V, 1,000,000 cycles.
3.
The typical chip programming time is considerably less than the maximum chip programming time listed, since most words program faster than
the maximum program times listed.
4.
In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
5.
System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 10 for further
information on command definitions.
6.
The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Note: Includes all pins except V
CC. Test conditions: VCC = 3.0 V, one pin at a time.
TSOP & FBGA PIN CAPACITANCE
Notes:
1.
Sampled, not 100% tested.
2.
Test conditions T
A = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.6
4
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
50
sec
Word Program Time
7
210
µs
Excludes system level
overhead (Note 5)
Accelerated Word Program Time
4
120
µs
Chip Program Time (Note 3)
18
54
sec
Description
Min
Max
Input voltage with respect to V
SS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to V
SS on all I/O pins
–1.0 V
V
CC + 1.0 V
V
CC Current
–100 mA
+100 mA
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
C
IN
Input Capacitance
V
IN = 0
TSOP
6
7.5
Fine-pitch
BGA
4.2
5.0
C
OUT
Output Capacitance
V
OUT = 0
TSOP
8.5
12
Fine-pitch
BGA
5.4
6.5
C
IN2
Control Pin Capacitance
V
IN = 0
TSOP
7.5
9
Fine-pitch
BGA
3.9
4.7
Parameter Description
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com