Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV128MH93REF Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29LV128MH93REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH93REF Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29LV128MH93REF Datasheet HTML 34Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 35Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 36Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 37Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 38Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 39Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 40Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 41Page - Advanced Micro Devices AM29LV128MH93REF Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
38
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
Table 11.
Command Definitions (x8 Mode, BYTE# = V
IL)
Legend:
X = Don’t care
RA = Read Address of the memory location to be read.
RD = Read Data read from location RA during read operation.
PA = Program Address. Addresses latch on the falling edge of the WE#
or CE# pulse, whichever happens later.
PD = Program Data for location PA. Data latches on the rising edge of
WE# or CE# pulse, whichever happens first.
SA = Sector Address of sector to be verified (in autoselect mode) or
erased. Address bits A22–A15 uniquely select any sector.
WBL = Write Buffer Location. Address must be within the same write
buffer page as PA.
BC = Byte Count. Number of write buffer locations to load minus 1.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4.
Data bits DQ15–DQ8 are don’t care in command sequences,
except for RD and PD.
5.
Unless otherwise noted, address bits A22–A11 are don’t cares.
6.
No unlock or command cycles required when device is in read
mode.
7.
The Reset command is required to return to the read mode (or to
the erase-suspend-read mode if previously in Erase Suspend)
when the device is in the autoselect mode, or if DQ5 goes high
while the device is providing status information.
8.
The fourth cycle of the autoselect command sequence is a read
cycle. Data bits DQ15–DQ8 are don’t care. See the Autoselect
Command Sequence section for more information.
9.
The device ID must be read in three cycles.
10. If WP# protects the highest address sector, the data is 98h for
factory locked and 18h for not factory locked. If WP# protects the
lowest address sector, the data is 88h for factory locked and 08h
for not factor locked.
11. The total number of cycles in the command sequence is
determined by the number of words written to the write buffer. The
maximum number of cycles in the command sequence is 37.
12. The data is 00h for an unprotected sector group and 01h for a
protected sector group.
13. Command sequence resets device for next command after
aborted write-to-buffer operation.
14. The Unlock Bypass command is required prior to the Unlock
Bypass Program command.
15. The Unlock Bypass Reset command is required to return to the
read mode when the device is in the unlock bypass mode.
16. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation.
17. The Erase Resume command is valid only during the Erase
Suspend mode.
18. Command is valid when device is ready to read array data or when
device is in autoselect mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
01
Device ID (Note 9)
4
AAA
AA
555
55
AAA
90
X02
7E
X1C
12
X1E
00
Secured Silicon Sector Factory
Protect (Note 10)
4
AAA
AA
555
55
AAA
90
X06
(Note 10)
Sector Group Protect Verify
(Note 12)
4
AAA
AA
555
55
AAA
90
(SA)X04
00/01
Enter Secured Silicon Sector Region
3
AAA
AA
555
55
AAA
88
Exit Secured Silicon Sector Region
4
AAA
AA
555
55
AAA
90
XXX
00
Program
4
555
AA
2AA
55
555
A0
PA
PD
Write to Buffer (Note 11)
3
AAA
AA
555
55
SA
25
SA
BC
PA
PD
WBL
PD
Program Buffer to Flash
1
SA
29
Write to Buffer Abort Reset (Note 13)
3
AAA
AA
555
55
AAA
F0
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program (Note 14)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 15)
2
XXX
90
XXX
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Program/Erase Suspend (Note 16)
1
XXX
B0
Program/Erase Resume (Note 17)
1
XXX
30
CFI Query (Note 18)
1
AA
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com