Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555DR Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SA555DR
Description  Timing From Microseconds to Hours
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SA555DR Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button SA555DR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. SA555DR Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
VCC (5 V to 15 V)
DISCH
OUT
VCC
RESET
RL
RA
A5T3644
C
THRES
GND
CONT
TRIG
Input
0.01
µF
Output
4
8
3
7
6
2
5
1
Pin numbers shown are shown for the D, JG, P, PS, and PW packages.
Application Information
The xx555 timer devices use resistor and capacitor charging delay to provide a programmable time delay or
operating frequency. This section presents a simplified discussion of the design process.
Typical Applications
Missing-Pulse Detector
The circuit shown in Figure 16 can be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is re-triggered continuously
by the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing,
missing pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an output
pulse as shown in Figure 17.
Figure 16. Circuit for Missing-Pulse Detector
Design Requirements
Input fault (missing pulses) must be input high. Input stuck low will not be detected because timing capacitor "C"
will remain discharged.
Detailed Design Procedure
Choose RA and C so that RA× C > [maximum normal input high time]. RL improves VOH, but it is not required for
TTL compatibility.
www.umw-ic.com
12
友台半导体有限公司
UMW
R
SA555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com