Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV128MH103REF Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM29LV128MH103REF
Description  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128MH103REF Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM29LV128MH103REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV128MH103REF Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
64
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
REVISION SUMMARY
Revision A (October 3, 2001)
Initial release as abbreviated Advance Information
data sheet.
Revision A+1 (March 20, 2002)
Distinctive Characteristics
Clarified description of Enhanced VersatileIO control.
Ordering Information
Corrected device density in device number/descrip-
tion.
Physical Dimensions
Added drawing that shows both TS056 and TSR056
specifications.
Revision B (July 1, 2002)
Expanded data sheet to full specification version.
Revision B+1 (September 16, 2002)
Distinctive Characteristics, Physical Dimensions
Added 80-Ball Fine-Pitch BGA.
Product Selector Guide
Added 80-Ball Fine-Pitch BGA. Added Note #1. Added
103, 108, 113, 118, 123, 128 regulated OPNs.
Changed all OPNs that end with 4 or 9 to 3 or 8.
Program Suspend/Program Resume Command
Sequence
Changed 1ms to 15
μs maximum, with a typical of 5 μs.
Erase Suspend/Erase Resume Commands
Added that the device requires a typical of 5
μs.
Read-Only Operations, Erase Program Operations,
and Alternate CE# Controlled Erase and Program
Operations
Added regulated OPNs. Changed all OPNs that end
with 4 or 9 to 3 or 8.
Revision B+2 (November 11, 2002)
Global
Removed the Enhanced VI/O option and changed it to
VI/O only.
Distinctive Characteristics
Changed the typical sector erase time to TBD.
Changed the typical write buffer word programming
time to TBD.
Product Selector Guide
Removed the 98R, 108, 108R, 118, 118R, 128, and
128R Speed Options.
Replaced Note #2.
Product Selector Guide and Read Only Operations
Added a 30 ns Page Access time and Output Enable
Access time to the 113R and 123R Speed Options.
Ordering Information
Modified Order numbers and package markings to re-
flect the removal of speed options. Modified the V
IO
ranges. Added Notes #1 and #2.
Table 4. Secured Silicon Sector Contents
Added x8 and x16
Operating Ranges
Changed the V
IO supply range to 1.65–3.6 V.
Added V
IO (regulated voltage range) and VIO (full volt-
age range).
DC Characteristics
Removed V
IL, VIH, VOL, and VOH from table and added
V
IL1, VIH1, VIL2, VIH2, VOL, VOH1, and VOH2 from the
CMOS table in the Am29LV640MH/L datasheet.
Erase and Programming Performance
Changed the typicals and/or maximums of Chip Erase
Time, Sector Erase Time, Effective Write Buffer Pro-
gram Time, Program Time, and Accelerated Program
Time to TBD.
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected at the factory.
Added second bullet, Secured Silicon sector-protect
verify text and figure 3.
Secured Silicon Sector Flash Memory Region, and
Enter Secured Silicon Sector/Exit Secured Silicon
Sector Command Sequence
Noted that the ACC function and unlock bypass modes
are not available when the Secured Silicon sector is en-
abled.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Noted that the Secured Silicon Sector, autoselect, and
CFI functions are unavailable when a program or
erase operation is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com