Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L640GU73PI Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # L640GU73PI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L640GU73PI Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button L640GU73PI Datasheet HTML 2Page - Advanced Micro Devices L640GU73PI Datasheet HTML 3Page - Advanced Micro Devices L640GU73PI Datasheet HTML 4Page - Advanced Micro Devices L640GU73PI Datasheet HTML 5Page - Advanced Micro Devices L640GU73PI Datasheet HTML 6Page - Advanced Micro Devices L640GU73PI Datasheet HTML 7Page - Advanced Micro Devices L640GU73PI Datasheet HTML 8Page - Advanced Micro Devices L640GU73PI Datasheet HTML 9Page - Advanced Micro Devices L640GU73PI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
7
Am29LV641G
June 14, 2005
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Part Number
Am29LV641G
Speed Option
Regulated Voltage Range VCC = 3.0–3.6 V
55R
Standard Voltage Range VCC = 2.7–3.6 V
70
Max Access Time (ns)
55
70
CE# Access Time (ns)
55
70
OE# Access Time (ns)
35
35
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
V
CC Detector
State
Control
Command
Register
V
CC
V
SS
WE#
WP#
ACC
RY/BY#
CE#
OE#
STB
STB
DQ15
–DQ0
Sector Switches
RESET#
Data
Latch
Y-Gating
Cell Matrix
A21–A0
V
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com