Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D800BT90VC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # D800BT90VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D800BT90VC Datasheet(HTML) 3 Page - Advanced Micro Devices

  D800BT90VC Datasheet HTML 1Page - Advanced Micro Devices D800BT90VC Datasheet HTML 2Page - Advanced Micro Devices D800BT90VC Datasheet HTML 3Page - Advanced Micro Devices D800BT90VC Datasheet HTML 4Page - Advanced Micro Devices D800BT90VC Datasheet HTML 5Page - Advanced Micro Devices D800BT90VC Datasheet HTML 6Page - Advanced Micro Devices D800BT90VC Datasheet HTML 7Page - Advanced Micro Devices D800BT90VC Datasheet HTML 8Page - Advanced Micro Devices D800BT90VC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Publication# 21519
Rev: C Amendment: 4
Issue Date: December 4, 2006
DATA SHEET
Am29DL800B
8 Megabit (1 M x 8-Bit/512 K x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
■ Simultaneous Read/Write operations
— Host system can program or erase in one bank,
then immediately and simultaneously read from
the other bank
— Zero latency between read and write operations
— Read-while-erase
— Read-while-program
■ Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
■ Manufactured on 0.35 µm process technology
— Compatible with 0.5 µm Am29DL800 device
■ High performance
— Access times as fast as 70 ns
■ Low current consumption (typical values
at 5 MHz)
— 7 mA active read current
— 21 mA active read-while-program or read-while-
erase current
— 17 mA active program-while-erase-suspended current
— 200 nA in standby mode
— 200 nA in automatic sleep mode
— Standard tCE chip enable access time applies to
transition from automatic sleep mode to active mode
■ Flexible sector architecture
— Two 16 Kword, two 8 Kword, four 4 Kword, and
fourteen 32 Kword sectors in word mode
— Two 32 Kbyte, two 16 Kbyte, four 8 Kbyte, and
fourteen 64 Kbyte sectors in byte mode
— Any combination of sectors can be erased
— Supports full chip erase
■ Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
■ Sector protection
— Hardware method of locking a sector to prevent
any program or erase operation within that sector
— Sectors can be locked in-system or via
programming equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■ Top or bottom boot block configurations
available
■ Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases sectors or entire chip
— Embedded Program algorithm automatically
programs and verifies data at specified address
■ Minimum 1,000,000 program/erase cycles
guaranteed per sector
■ Package options
— 44-pin SO
— 48-pin TSOP
— 48-ball FBGA
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
— Superior inadvertent write protection
■ Data# Polling and Toggle Bits
— Provides a software method of detecting
program or erase cycle completion
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or
erase cycle completion
■ Erase Suspend/Erase Resume
— Suspends or resumes erasing sectors to allow
reading and programming in other sectors
— No need to suspend if sector is in the other bank
■ Hardware reset pin (RESET#)
— Hardware method of resetting the device to
reading array data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com