Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LM293A
Description  Low power dual voltage comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM293A Datasheet(HTML) 1 Page - NXP Semiconductors

  LM293A Datasheet HTML 1Page - NXP Semiconductors LM293A Datasheet HTML 2Page - NXP Semiconductors LM293A Datasheet HTML 3Page - NXP Semiconductors LM293A Datasheet HTML 4Page - NXP Semiconductors LM293A Datasheet HTML 5Page - NXP Semiconductors LM293A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
LM193/A/293/A/393/A/2903
Low power dual voltage comparator
1
1995 Nov 27
853-0932 16050
DESCRIPTION
The LM193 series consists of two independent precision voltage
comparators with an offset voltage specification as low as 2.0mV
max. for two comparators which were designed specifically to
operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low
power supply current drain is independent of the magnitude of the
power supply voltage. These comparators also have a unique
characteristic in that the input common-mode voltage range includes
ground, even though operated from a single power supply voltage.
The LM193 series was designed to directly interface with TTL and
CMOS. When operated from both plus and minus power supplies,
the LM193 series will directly interface with MOS logic where their
low power drain is a distinct advantage over standard comparators.
FEATURES
• Wide single supply voltage range 2.0VDC to 36VDC or dual
supplies
±1.0VDC, to ±18VDC
• Very low supply current drain (0.8mA) independent of supply
voltage (2.0mW/comparator at 5.0VDC)
• Low input biasing current 25nA
• Low input offset current ±5nA and offset voltage ±2mV
• Input common-mode voltage range includes ground
• Differential input voltage range equal to the power supply voltage
• Low output 250mV at 4mA saturation voltage
• Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
logic systems
APPLICATIONS
• A/D converters
• Wide range VCO
• MOS clock generator
• High voltage logic gate
• Multivibrators
PIN CONFIGURATION
1
2
3
4
5
6
7
8
D, N, FE Packages
A
B
TOP VIEW
OUTPUT A
INVERTING INPUT A
NON–INVERTING INPUT A
GND
V+
OUTPUT B
INVERTING INPUT B
NON–INVERTING INPUT B
SL00079
Figure 1. Pin Configuration
EQUIVALENT CIRCUIT
V +
100
µA
3.5
µA
3.5
µA
100
µA
Q1
Q2
Q3
Q4
Q8
Q7
Q6
Q5
– INPUT
OUTPUT
+ INPUT
(One Comparator Only)
SL00080
Figure 2. Equivalent Circuit
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Ceramic Dual In-Line Package (Cerdip)
-55
°C to +125°C
LM193FE
0580A
8-Pin Ceramic Dual In-Line Package (Cerdip)
-25
°C to +85°C
LM293FE
0580A
8-Pin Plastic Dual In-Line Package (DIP)
-25
°C to +85°C
LM293N
SOT97-1
8-Pin Plastic Small Outline (SO) Package
-25
°C to +85°C
LM293D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
-25
°C to +85°C
LM293AN
SOT97-1
8-Pin Ceramic Dual In-Line Package (Cerdip)
0 to +70
°C
LM393AFE
0580A
8-Pin Ceramic Dual In-Line Package (Cerdip)
0 to +70
°C
LM393FE
0580A
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
LM393D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM393N
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM393AN
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +125°C
LM2903N
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +125°C
LM2903D
SOT97-1


Similar Part No. - LM293A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM293A TI-LM293A Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM293A STMICROELECTRONICS-LM293A Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
Texas Instruments
LM293A TI-LM293A Datasheet
458Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
Fairchild Semiconductor
LM293A FAIRCHILD-LM293A Datasheet
155Kb / 8P
Dual Differential Comparator
logo
Texas Instruments
LM293A TI-LM293A Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM293A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
Low power dual voltage comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
Low-power dual voltage comparator
18-Jan-2012
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
Low-power dual voltage comparator
08-Sep-2021
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
Low-power dual voltage comparator
13-Dec-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com