Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV3004WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV3004WS
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV3004WS Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV3004WS Datasheet HTML 1Page - Diodes Incorporated BAV3004WS Datasheet HTML 2Page - Diodes Incorporated BAV3004WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30646 Rev. 3 - 2
2 of 3
BAV3004WS
www.diodes.com
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Power Derating Curve
200
100
300
0
0
80
40
120
160
200
Note 1
0
400
800
1200
1600
2000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 2 Typical Forward Characteristics
100
1.0
10
0.1
0.01
1000
T = 150
°C
j
T = 25
°C
j
0
50
100
150
200
250
300
350
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics
100
1.0
10
0.1
0.01
0.001
1000
T = 150
°C
j
T = 75
°C
j
T = 25
°C
j
0.7
0.8
0.01
0.1
1.0
10
100
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage
V , REVERSE VOLTAGE (V)
R
0.9
1.0
1.1
f = 1.0 MHz
Marking Information
Notes:
5.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
BAV3004WS-7
SOD-323
3000/Tape & Reel
Ordering Information (Note 5)
4P
4P = Product Type Marking Code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com