Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41000002V Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # M41000002V
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002V Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button M41000002V Datasheet HTML 28Page - Advanced Micro Devices M41000002V Datasheet HTML 29Page - Advanced Micro Devices M41000002V Datasheet HTML 30Page - Advanced Micro Devices M41000002V Datasheet HTML 31Page - Advanced Micro Devices M41000002V Datasheet HTML 32Page - Advanced Micro Devices M41000002V Datasheet HTML 33Page - Advanced Micro Devices M41000002V Datasheet HTML 34Page - Advanced Micro Devices M41000002V Datasheet HTML 35Page - Advanced Micro Devices M41000002V Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
September 5, 2002
Am41DL32x8G
31
PR ELI M I NARY
termine the status of the erase operation by reading
DQ7, DQ6, DQ2, or RY/BY# in the erasing bank.
Refer to the Write Operation Status section for infor-
mation on these status bits.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other com-
mands are ignored. However, note that a hardware
reset immediately terminates the erase operation. If
that occurs, the sector erase command sequence
should be reinitiated once that bank has returned to
reading array data, to ensure data integrity.
Figure 4 illustrates the algorithm for the erase opera-
tion. Ref e r to th e Fl as h E r as e and Program
Operations tables in the AC Characteristics section for
paramete rs , and Fi gu re 20 s ec ti o n fo r ti mi ng
diagrams.
Erase Suspend/Erase Resume
Commands
The Erase Suspend command, B0h, allows the sys-
tem to interrupt a sector erase operation and then read
data from, or program data to, any sector not selected
for erasure. The bank address is required when writing
this command. This command is valid only during the
sector erase operation, including the 50 µs time-out
period during the sector erase command sequence.
The Erase Suspend command is ignored if written dur-
ing the chip erase operation or Embedded Program
algorithm.
When the Erase Suspend command is written during
the sector erase operation, the device requires a max-
imum of 20 µs to suspend the erase operation.
However, when the Erase Suspend command is writ-
ten during the sector erase time-out, the device
immediately terminates the time-out period and sus-
pends the erase operation.
After the erase operation has been suspended, the
bank enters the erase-suspend-read mode. The sys-
tem can read data from or program data to any sector
not selected for erasure. (The device “erase sus-
pends” all sectors selected for erasure.) Reading at
any address within erase-suspended sectors pro-
duces status information on DQ7–DQ0. The system
can use DQ7, or DQ6 and DQ2 together, to determine
if a sector is actively erasing or is erase-suspended.
Refer to the Write Operation Status section for infor-
mation on these status bits.
After an erase-suspended program operation is com-
plete, the bank returns to the erase-suspend-read
mode. The system can determine the status of the
program operation using the DQ7 or DQ6 status bits,
just as in the standard Byte Program operation.
Refer to the Write Operation Status section for more
information.
In the erase-suspend-read mode, the system can also
issue the autoselect command sequence. Refer to the
Autoselect Mode and Autoselect Command Sequence
sections for details.
To resume the sector erase operation, the system
must write the Erase Resume command. The bank
address of the erase-suspended bank is required
when writing this command. Further writes of the Re-
sume command are ignored. Another Erase Suspend
command can be written after the chip has resumed
erasing.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Tables 16 and 18 for erase command sequence.
2. See the section on DQ3 for information on the sector
erase timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com