Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L800BT70VC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # L800BT70VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BT70VC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button L800BT70VC Datasheet HTML 9Page - Advanced Micro Devices L800BT70VC Datasheet HTML 10Page - Advanced Micro Devices L800BT70VC Datasheet HTML 11Page - Advanced Micro Devices L800BT70VC Datasheet HTML 12Page - Advanced Micro Devices L800BT70VC Datasheet HTML 13Page - Advanced Micro Devices L800BT70VC Datasheet HTML 14Page - Advanced Micro Devices L800BT70VC Datasheet HTML 15Page - Advanced Micro Devices L800BT70VC Datasheet HTML 16Page - Advanced Micro Devices L800BT70VC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Am29LV800B
11
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command reg-
ister itself does not occupy any addressable memory
location. The register is composed of latches that
store the commands, along with the address and data
information needed to execute the command. The
contents of the register serve as inputs to the internal
state machine. The state machine outputs dictate the
function of the device. Table 1 lists the device bus
operations, the inputs and control levels they require,
and the resulting output. The following subsections
describe each of these operations in further detail.
Table 1. Am29LV800B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A18:A0 in word mode (BYTE# = VIH), A18:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configu-
ration. If the BYTE# pin is set at logic ‘1’, the device
is in word configuration, DQ15–DQ0 are active and
controlled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins. WE#
should remain at VIH. The BYTE# pin determines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array
data upon device power-up, or after a hardware
reset. This ensures that no spurious alteration of the
memory content occurs during the power transition.
No command is necessary in this mode to obtain
array data. Standard microprocessor read cycles that
assert valid addresses on the device address inputs
produce valid data on the device data outputs. The
device remains enabled for read access until the
command register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to Figure 13 for the timing diagram. ICC1 in
the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
words. Refer to “Word/Byte Configuration” for more
information.
Operation
CE# OE#
WE
#
RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ±
0.3 V
X
X
VCC ±
0.3 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
Sector Address,
A6 = L, A1 = H,
A0 = L
DIN
X
X
Sector Unprotect (Note 2)
L
H
L
VID
Sector Address,
A6 = H, A1 = H,
A0 = L
DIN
X
X
Temporary Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com