Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14-2B110-R11-2123 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC14-2B110-R11-2123
Description  TC14 series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC14-2B110-R11-2123 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC14-2B110-R11-2123 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC14-2B110-R11-2123 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC14-2B110-R11-2123 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Segments
• Care Motion
• Comfort Motion
TC14
series
General Features
Number of motors
1~4
IP rating
IP66
Options
Wireless module (optional)
Input voltage
24V DC
Certificate
IEC60601-1, ES60601-1, IEC60601-1-2,
UL962
Color
Grey
Operational temperature range
+5°C~+45°C


Similar Part No. - TC14-2B110-R11-2123

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
Temperature Compensated Crystal Oscillators (TCXOs)
logo
Transcom, Inc.
TC1401 TRANSCOM-TC1401 Datasheet
159Kb / 4P
0.5 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
0.5 W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
0.5W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1406D-240M PRODUCTWELL-TC1406D-240M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results

Similar Description - TC14-2B110-R11-2123

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com