Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14-2B210-R11-2123 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TC14-2B210-R11-2123
Description  TC14 series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC14-2B210-R11-2123 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TC14-2B210-R11-2123 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC14-2B210-R11-2123 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC14-2B210-R11-2123 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TC14 Ordering Key
TC14
Version: 20220107-E
MCU
B = Without
C = With
Input Voltage
2 = 24VDC
Number of Actuators
Wireless Module
Buzzer
IP Rating
DC Cable Length (mm)
DC Input Plug
Color
Fixation
Handset Channel
Backup Battery Channel
0 = Without
1 = 1
2 = 2
3 = 3
4 = 4
0 = Without
R = 315 MHz
F = 433 MHz
G = 2.4G
0 = Without
1 = With
1 = Without
2 = IP54
3 = IP66
1 = Straight,1000
2 = Straight,1500
3 = Straight, 2000
1 = Small 01P
2 = Long DIN 5P
2 = Pantone 428C
1 = On the actuator (TA10/TA23/TA31)
2 = On the steel bracket
3 = On the plastic bracket
1 = 1
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com