Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F800BB55VC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # F800BB55VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BB55VC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button F800BB55VC Datasheet HTML 10Page - Advanced Micro Devices F800BB55VC Datasheet HTML 11Page - Advanced Micro Devices F800BB55VC Datasheet HTML 12Page - Advanced Micro Devices F800BB55VC Datasheet HTML 13Page - Advanced Micro Devices F800BB55VC Datasheet HTML 14Page - Advanced Micro Devices F800BB55VC Datasheet HTML 15Page - Advanced Micro Devices F800BB55VC Datasheet HTML 16Page - Advanced Micro Devices F800BB55VC Datasheet HTML 17Page - Advanced Micro Devices F800BB55VC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
12
Am29F800B
21504E5 November 2, 2006
D A TA SH EE T
Table 3.
Am29F800BB Bottom Boot Block Sector Address Table
Note:
Address range is A18:A-1 in byte mode and A18:A0 in word mode. See the “Word/Byte Configuration” sectionfor more
information.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Autoselect Codes (High Voltage Method) table. In addi-
tion, when verifying sector protection, the sector ad-
dress must appear on the appropriate highest order
address bits. Refer to the corresponding Sector Ad-
dress Tables. The Command Definitions table shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding
identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in the Command Defini-
tions table. This method does not require VID. See
“Command Definitions” for details on using the autose-
lect mode.
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x16)
Address Range
(x8)
Address Range
SA0
0
0
0
0
0
0
X
16/8
00000h–01FFFh
00000h–03FFFh
SA1
0
0
0
0
0
1
0
8/4
02000h–02FFFh
04000h–05FFFh
SA2
0
0
0
0
0
1
1
8/4
03000h–03FFFh
06000h–07FFFh
SA3
0
0
0
0
1
X
X
32/16
04000h–07FFFh
08000h–0FFFFh
SA4
0
0
0
1
X
X
X
64/32
08000h–0FFFFh
10000h–1FFFFh
SA5
0
0
1
0
X
X
X
64/32
10000h–17FFFh
20000h–2FFFFh
SA6
0
0
1
1
X
X
X
64/32
18000h–1FFFFh
30000h–3FFFFh
SA7
0
1
0
0
X
X
X
64/32
20000h–27FFFh
40000h–4FFFFh
SA8
0
1
0
1
X
X
X
64/32
28000h–2FFFFh
50000h–5FFFFh
SA9
0
1
1
0
X
X
X
64/32
30000h–37FFFh
60000h–6FFFFh
SA10
0
1
1
1
X
X
X
64/32
38000h–3FFFFh
70000h–7FFFFh
SA11
1
0
0
0
X
X
X
64/32
40000h–47FFFh
80000h–8FFFFh
SA12
1
0
0
1
X
X
X
64/32
48000h–4FFFFh
90000h–9FFFFh
SA13
1
0
1
0
X
X
X
64/32
50000h–57FFFh
A0000h–AFFFFh
SA14
1
0
1
1
X
X
X
64/32
58000h–5FFFFh
B0000h–BFFFFh
SA15
1
1
0
0
X
X
X
64/32
60000h–67FFFh
C0000h–CFFFFh
SA16
1
1
0
1
X
X
X
64/32
68000h–6FFFFh
D0000h–DFFFFh
SA17
1
1
1
0
X
X
X
64/32
70000h–77FFFh
E0000h–EFFFFh
SA18
1
1
1
1
X
X
X
64/32
78000h–7FFFFh
F0000h–FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com