Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LM2901D
Description  Quad voltage comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM2901D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LM2901D Datasheet HTML 2Page - NXP Semiconductors LM2901D Datasheet HTML 3Page - NXP Semiconductors LM2901D Datasheet HTML 4Page - NXP Semiconductors LM2901D Datasheet HTML 5Page - NXP Semiconductors LM2901D Datasheet HTML 6Page - NXP Semiconductors LM2901D Datasheet HTML 7Page - NXP Semiconductors LM2901D Datasheet HTML 8Page - NXP Semiconductors LM2901D Datasheet HTML 9Page - NXP Semiconductors LM2901D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
8
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
VIN
–
+
+ 5V
1.0
0.8
0.6
0.4
0.2
010
20
30
40
V+ — SUPPLY VOLTAGE — VDC
TA -55
oC
TA = 0
oC
TA = +25
oC
TA = 125
oC
TA = +70
oC
RL = ∝
80
60
40
20
010
20
30
40
v + — SUPPLY VOLTAGE — VDC
TA = –55
oC
TA = 0
oC
TA = +70
oC
TA = +25
oC
TA = +125
oC
VIN (CM) = 0 VDC
RIN (CM) = 10kΩ
OUT OF
SATURATION
TA =
+125oC
TA = –55
oC
TA – +25
o
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
IO — OUTPUT SINK CURRENT (mA)
6
5
4
3
2
1
0
0
–50
–100
0
0.5
1.0
1.5
2.0
TIME —
µ sec
5mV = INPUT OVERDRIVE
100mV
OVERDRIVE
TA = 25
oC
5.1K
VOUT
VIN
20mV
–
+
+ 5V
INPUT OVERDRIVE = 100mV
20mV
5mV
OVERDRIVE
6
5
4
3
2
1
0
0
–50
–100
0
0.5
1.0
1.5
2.0
TIME —
µ sec
TA = 25
oC
5.1K
Supply Current
Input Current
Output Saturation Voltage
Response Time for Various
Input Overdrives —
Negative Transition
Response Time for Various
Input Overdrives —
Positive Transition
SL00073
Figure 4. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com