Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV256MH103FF Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM29LV256MH103FF
Description  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256MH103FF Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM29LV256MH103FF Datasheet HTML 45Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 46Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 47Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 48Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 49Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 50Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 51Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 52Page - Advanced Micro Devices AM29LV256MH103FF Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
December 16, 2005
Am29LV256M
47
D A TA SH EE T
DC CHARACTERISTICS
CMOS Compatible
Notes:
1.
On the WP#/ACC pin only, the maximum input load current when
WP# = V
IL is ± 5.0 µA.
2.
The ICC current listed is typically less than 2 mA/MHz, with OE# at
V
IH.
3.
Maximum ICC specifications are tested with VCC = VCCmax.
4.
ICC active while Embedded Erase or Embedded Program is in
progress.
5.
Automatic sleep mode enables the low power mode when
addresses remain stable for t
ACC + 30 ns.
6.
If VIO < VCC, maximum VIL for CE# and DQ I/Os is 0.3 VIO.
Maximum VIH for these connections is VIO + 0.3 V
7.
V
CC voltage requirements.
8.
VIO voltage requirements.
9.
Not 100% tested
10. Includes RY/BY#
Parameter
Symbol
Parameter Description
(Notes)
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current (1)
V
IN = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LIT
A9, ACC Input Load Current
V
CC = VCC max; A9 = 12.5 V
35
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LR
Reset Leakage Current
VCC = VCC max; RESET# = 12.5 V
35
µA
ICC1
VCC Active Read Current
(2, 3)
CE# = VIL, OE# = VIH,
1 MHz
3
34
mA
5 MHz
13
43
ICC2
VCC Initial Page Read Current (2, 3) CE# = VIL, OE# = VIH
1 MHz
4
50
mA
10 MHz
40
80
ICC3
VCC Intra-Page Read Current (2, 3)
CE# = VIL, OE# = VIH
10 MHz
3
20
mA
33 MHz
6
40
I
CC4
V
CC Active Write Current (3, 4)
CE# = V
IL, OE# = VIH
50
60
mA
I
CC5
V
CC Standby Current (3)
CE#, RESET# = V
CC ± 0.3 V, WP# = VIH
15
µA
I
CC6
V
CC Reset Current (3)
RESET# = V
SS ± 0.3 V, WP# = VIH
15
µA
I
CC7
Automatic Sleep Mode (3, 5)
V
IH = VCC ± 0.3 V; VIL = VSS ± 0.3 V,
WP# = V
IH
15
µA
V
IL1
Input Low Voltage 1(6, 7)
–0.5
0.8
V
V
IH1
Input High Voltage 1 (6, 7)
1.9
V
CC + 0.5
V
V
IL2
Input Low Voltage 2 (6, 8)
–0.5
0.3 x V
IO
V
V
IH2
Input High Voltage 2 (6, 8)
1.9
V
IO + 0.5
V
V
HH
Voltage for ACC Program Acceleration
V
CC = 2.7 –3.6 V
11.5
12.5
V
V
ID
Voltage for Autoselect and Temporary
Sector Unprotect
V
CC = 2.7 –3.6 V
11.5
12.5
V
V
OL
Output Low Voltage (10)
I
OL = 4.0 mA, VCC = VCC min = VIO
0.15 x V
IO
V
V
OH1
Output High Voltage
I
OH = –2.0 mA, VCC = VCC min = VIO
0.85 V
IO
V
V
OH2
I
OH = –100 µA, VCC = VCC min = VIO
V
IO–0.4
V
V
LKO
Low V
CC Lock-Out Voltage (9)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com