Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3L30LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B3L30LP
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3L30LP Datasheet(HTML) 1 Page - Diodes Incorporated

  B3L30LP Datasheet HTML 1Page - Diodes Incorporated B3L30LP Datasheet HTML 2Page - Diodes Incorporated B3L30LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
8
7
6
5
3
4
LEAD CODE:
1) ANODE
2) ANODE
3) ANODE
4) ANODE
5) CA THODE
6) CA THODE
7) CA THODE
8) CA THODE
TOP VIEW
e3
Lead-free Green
DS30915 Rev. 2 - 2
1 of 3
B3L30LP
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
B3L30LP
3A SCHOTTKY BARRIER RECTIFIER
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
D
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
A1
A
A3
E2
D2
L
E
R0.200
SEATING PLANE
e
b
DFN3030-8
Sym
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
¾¾
0.15
b
0.29
0.39
0.34
D
2.90
3.10
3.00
D2
2.19
2.39
2.29
e
¾¾
0.65
E
2.90
3.10
3.00
E2
1.64
1.84
1.74
L
0.30
0.60
0.45
All Dimensions in mm
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
3
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
130
¾°C/W
Power Dissipation (Note 2)
PD
¾
0.75
W
Operating Temperature Range
Tj
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25
°C.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Applications
·
High Forward Surge Current Capability
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Device (Note 3)
·
Case: DFN3030-8
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - NiPdAu annealed over Copper lead
frame. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: S33 (See Page 3)
·
Weight: 0.0172 grams (approximate)
Features
Thermal Characteristics
SPICE MODEL: B3L30LP


Similar Part No. - B3L30LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
B3L30LP-7 DIODES-B3L30LP-7 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
More results

Similar Description - B3L30LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
PDS360 DIODES-PDS360_10 Datasheet
97Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com