Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393AFE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM393AFE
Description  Low power dual voltage comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM393AFE Datasheet(HTML) 2 Page - NXP Semiconductors

  LM393AFE Datasheet HTML 1Page - NXP Semiconductors LM393AFE Datasheet HTML 2Page - NXP Semiconductors LM393AFE Datasheet HTML 3Page - NXP Semiconductors LM393AFE Datasheet HTML 4Page - NXP Semiconductors LM393AFE Datasheet HTML 5Page - NXP Semiconductors LM393AFE Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
LM193/A/293/A/393/A/2903
Low power dual voltage comparator
1995 Nov 27
2
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
36 or
±18
VDC
Differential input voltage
36
VDC
VIN
Input voltage
-0.3 to +36
VDC
PD
Maximum power dissipation,
TA=25°C (still-air)1
F package
N package
D package
780
1160
780
mW
mW
mW
Output short-circuit to ground2
Continuous
IIN
Input current (VIN<-0.3VDC)3
50
mA
TA
Operating temperature range
LM193/193A
LM293/293A
LM393/393A
LM2903
-55 to +125
-25 to +85
0 to +70
-40 to +125
°C
°C
°C
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature
(10sec max)
300
°C
NOTES:
1. Derate above 25
°C, at the following rates:
F package at 6.2mW/
°C
N package at 9.3mW/
°C
D package at 6.2mW/
°C
2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately
20mA independent of the magnitude of V+.
3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the
input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral
NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage
level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states
will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3VDC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com