Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN5L06DMK Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN5L06DMK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06DMK Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN5L06DMK Datasheet HTML 1Page - Diodes Incorporated DMN5L06DMK Datasheet HTML 2Page - Diodes Incorporated DMN5L06DMK Datasheet HTML 3Page - Diodes Incorporated DMN5L06DMK Datasheet HTML 4Page - Diodes Incorporated DMN5L06DMK Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30927 Rev. 2 - 2
4 of 5
DMN5L06DMK
www.diodes.com
1
0.001
0.01
0.1
1
0
V,
Fig. 9 Reverse Drain Current
vs. Source-Drain Voltage
SD SOURCE-DRAIN VOLTAGE (V)
0.2
0.4
0.6
0.8
V= 10V
GS
V= 0V
GS
T = 25°C
Pulsed
A
1
I , DRAIN CURRENT (A)
D
Fig.10 Forward Transfer Admittance
vs. Drain Current
0.001
0.01
0.1
0.01
0.1
1
V= 10V
Pulsed
DS
T=
A
-55 C
°
T=
A
-25 C
°
T=
A
150 C
°
T=
A
125 C
°
T=
A
85 C
°
T= 25 C
A
°
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 11 Derating Curve - Total
A
°
R= 556 C/W
0JA
°
(Note 6)
Ordering Information
Device
Packaging
Shipping
DMN5L06DMK-7
SOT-26
3000/Tape & Reel
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com