Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2004DMK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2004DMK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004DMK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2004DMK Datasheet HTML 1Page - Diodes Incorporated DMN2004DMK Datasheet HTML 2Page - Diodes Incorporated DMN2004DMK Datasheet HTML 3Page - Diodes Incorporated DMN2004DMK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes:
5. Short duration test pulse used to minimize self-heating effect.
DS30937 Rev. 2 - 2
2 of 4
DMN2004DMK
www.diodes.com
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
¾¾
V
VGS = 0V, ID = 10
mA
Zero Gate Voltage Drain Current
IDSS
¾¾
1
mA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
¾¾
±1
mA
VGS =
±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
¾
1.0
V
VDS =VGS, ID = 250
mA
Static Drain-Source On-Resistance
RDS (ON)
¾
0.4
0.5
0.7
0.55
0.70
0.9
W
VGS = 4.5V, ID = 540mA
VGS = 2.5V, ID = 500mA
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
|Yfs|
200
¾¾
ms
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 5)
VSD
0.5
¾
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾¾
150
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾¾
25
pF
Reverse Transfer Capacitance
Crss
¾¾
20
pF
0
0
12
3
4
5
V
DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristics
DS,
0.3
0.6
0.9
V= 1.2V
GS
V
= 1.8V
GS
V
= 2.0V
GS
V= 2.2V
GS
V= 1.4V
GS
V
= 1.6V
GS
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2
GS
Reverse Drain Current
vs. Source-Drain Voltage
100
0
1000
200
300
400
500
600
700
800
900
0.4
0.8
1.2
1.6
2
V
= 10V
Pulsed
DS
T = 150 C
A
°
T= -55 C
A
°
T= 5 C
A
8
°
T= 25 C
A
°
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage
vs. Channel Temperature
ch
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-75
-50
-25
025
50
75
100
125
150
V= 10V
I= 1mA
Pulsed
DS
D
0.1
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance
Vs. Drain Current
D,
1
0.2
0.4
0.6
0.8
1.0
V
= 10V
Pulsed
GS
T= 150 C
A
°
T= -55 C
A
°
T= -25 C
A
°
T= 0 C
A
°
T= 25 C
A
°
T= 125 C
A
°
T= 85 C
A
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com