Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2004DMK-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2004DMK-7
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004DMK-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2004DMK-7 Datasheet HTML 1Page - Diodes Incorporated DMN2004DMK-7 Datasheet HTML 2Page - Diodes Incorporated DMN2004DMK-7 Datasheet HTML 3Page - Diodes Incorporated DMN2004DMK-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30937 Rev. 2 - 2
4 of 4
DMN2004DMK
www.diodes.com
Marking Information
NAB = Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
NAB YM
S
1
D
2
G
1
D
1
S
2
G
2
Year
2006
2007
2008
2009
Code
TU
VW
Ordering Information
Device
Packaging
Shipping
DMN2004DMK-7
SOT-26
3000/Tape & Reel
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 6)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.
1000
I , DRAIN CURRENT (mA)
D
Fig. 11 Forward Transfer Admittance
vs. Drain Current
1
10
100
0.01
0.1
1
V= 10V
GS
T=
A
150 C
°
T=
A
-55 C
°
T=
A
85 C
°
T= 25 C
A
°
V
, DRAIN SOURCE VOLTAGE (V)
DS
Fig. 12 Capacitance Variation
0
20
40
60
80
100
120
0
2
4
6
8
10 12 14 16
18 20
f = 1MHz
V= 0V
GS
C
iss
C
oss
C
rss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com