Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2535CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR2535CT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2535CT Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR2535CT Datasheet HTML 1Page - Diodes Incorporated MBR2535CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS31036 Rev. 6 - 2
2 of 2
MBR2535CT - MBR2560CT
www.diodes.com
0.01
10
0.1
1.0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
50
MBR2535CT & MBR2545CT
MBR2550CT & MBR2560CT
T= 25 C
j
°
T = 150 C
j
°
0
50
100
150
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
100
1000
10000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance (per element)
R
T= 25 C
f = 1.0MHz
j
°
MBR2535CT & MBR2545CT
MBR2550CT & MBR2560CT
0
6
12
24
30
18
0
50
100
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
C
°
150
* xx = Device type, e.g. MBR2545CT
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
Device
Packaging
Shipping
MBR25xxCT*
TO-220AB
50/Tube
(Note 5)
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com