Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

690H509-252-252 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 690H509-252-252
Description  690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

690H509-252-252 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  690H509-252-252 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.40
13.10
7.00
8.00
2.00
1.00
2.00 TYP.
16.40
1.30
1.50
10.40
12.68
15.50
0.30T
12.50 ±0.01
7.00
2.00
1.00
0.85 (9x)
13.70
0.80 (4x)
15.50
0.10 X Y
X
Y
1
4
5
9
RECOMMENDED P.C.B HOLE LAYOUT
TOP VIEW (TOLERANCE: ±0.05)
NOTE:
ELECTRICAL SPECIFICATIONS:
VOLTAGE RATING:
30V MAX.
CURRENT RATING:
1.8A FOR PIN 1~4
0.25A FOR PIN 5~9
CONTACT RESISTANCE:
30mΩ MAX. FOR 1~4 PIN
50mΩ MAX FOR 5~9 PIN
INSULATOR RESISTANCE:
100MΩ min.
DIELECTRIC WITHSTANDING VOLTAGE: 100V AC
OPERATING TEMPERATURE:
-20 C ~ 60 C
MATERIAL & FINISH:
SHELL:
STAINLESS STEEL, NICKEL PLATED
HOUSING:
PA9T, BLUE IN COLOUR, UL94V-0
CONTACTS: COPPER ALLOY, GOLD FLASH PLATED
690H509-252-252
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.13
.XXX
DRAWN:
CHECKED:
ACAD REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
December 18, 2020
SHEET
OF
690H509-X52-252
2:1
C.B
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
690 SERIES RECEPTACLES USB 3.0
TYPE-A MID-MOUNT PCB
.X
±0.25
1
1
DRAWING NUMBER:
690H509-X52-252
±0.05


Similar Part No. - 690H509-252-252

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690H509-252-252 EDAC-690H509-252-252 Datasheet
360Kb / 1P
690H Series USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
More results

Similar Description - 690H509-252-252

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690H-SERIES EDAC-690H-SERIES Datasheet
360Kb / 1P
690H Series USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-159-040 EDAC-690G104-159-040 Datasheet
93Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-159-240 EDAC-690G104-159-240 Datasheet
91Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-159-241 EDAC-690G104-159-241 Datasheet
91Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-253-021 EDAC-690G104-253-021 Datasheet
90Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-253-220 EDAC-690G104-253-220 Datasheet
86Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-659-040 EDAC-690G104-659-040 Datasheet
93Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-659-240 EDAC-690G104-659-240 Datasheet
91Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690H109-652-211 EDAC-690H109-652-211 Datasheet
103Kb / 1P
690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690H509-652-252 EDAC-690H509-652-252 Datasheet
103Kb / 1P
690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com