Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640GBC9WSI Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM29BDS640GBC9WSI
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GBC9WSI Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM29BDS640GBC9WSI Datasheet HTML 53Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 54Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 55Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 56Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 57Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 58Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 59Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 60Page - Advanced Micro Devices AM29BDS640GBC9WSI Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
55
Data
Sheet
AC Characteristics
Asynchronous Read
Notes:
1. Asynchronous Access Time is from the last of either stable addresses or the falling edge of AVD#.
2. Not 100% tested.
Note: RA = Read Address, RD = Read Data.
Figure 18. Asynchronous Mode Read with Latched Addresses
Parameter
Description
D3, D4
D8, D9
C3, C4
C8, C9
Unit
JEDEC
Standard
tCE
Access Time from CE# Low
Max
70
90
ns
tACC
Asynchronous Access Time (Note 1)
Max
70
90
ns
tAVDP
AVD# Low Time
Min
12
ns
tAAVDS
Address Setup Time to Rising Edge of AVD
Min
5
ns
tAAVDH
Address Hold Time from Rising Edge of AVD
Min
7
ns
tOE
Output Enable to Output Valid
Max
13.5
20
ns
tOEH
Output Enable Hold
Time
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOEZ
Output Enable to High Z (Note 2)
Max
10
10.5
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
tCE
WE#
A21-A0
CE#
OE#
Valid RD
tACC
tOEH
tOE
DQ15-DQ0
tOEZ
tAAVDH
tAVDP
tAAVDS
AVD#
RA
tCAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com