Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2008Q Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # 2008Q
Description  Floor box system: 2008Q
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

2008Q Datasheet(HTML) 1 Page - Burland Technology Solutions

  2008Q Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATASHEET
Errors and technical changes reserved.
BS Bodensteckdosen Systemtechnik GmbH
Oldermanns Hof 2a, D-33719 Bielefeld
Tel. +49 521 260109-90
Fax +49 521 260109-99
info@bodensteckdosen.com
www.bodensteckdosen.com
Floor box system: 2008Q
Specification:
Item No:
2008Q
Product line:
Floor box system
Units:
8
Mounting (qty):
8x SCHUKO socket with VDE certification
Construction:
Square
Ground:
Suitable for screed
Type of inst.:
Flush mounted
Lid character.:
• Hinged
• Closable with plugged in plugs
• Lockable with tool
Environment:
Wet sweepers usable
Protection:
IP65
EAN:
0706332878330
Technical data:
Material:
• Housing made of stainless steel (1,5mm /
1.4301)
• Lid made of solid aluminum
• Equipment carrier made of aluminum
Colour:
Stainless steel
Surface:
Anodised
Weight:
4100g
Dimensions:
250 x 250 x 89mm
Install. Dim.:
250 x 250 x 89mm
Supply line:
8x lateral; Ø 25mm
Load:
900kg
Features:
Delivery cond.:
Complete and pre-assembled


Similar Part No. - 2008Q

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
2008 ASHCROFT-2008 Datasheet
645Kb / 4P
2008 Panel Builders Pressure Gauge
RevD_10-07-22
logo
Dwyer Instruments,
2008 DWYER-2008 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
logo
Toshiba Semiconductor
2008-000253 TOSHIBA-2008-000253 Datasheet
5Mb / 70P
COLOUR TELEVISION
2008-000266 TOSHIBA-2008-000266 Datasheet
5Mb / 70P
COLOUR TELEVISION
2008-000284 TOSHIBA-2008-000284 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - 2008Q

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
2003A BURLAND-2003A Datasheet
285Kb / 1P
Floor box system: 2003A
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
2004B BURLAND-2004B Datasheet
329Kb / 1P
Floor box system: 2004B
2008A BURLAND-2008A Datasheet
274Kb / 1P
Floor box system: 2008A
2008B BURLAND-2008B Datasheet
260Kb / 1P
Floor box system: 2008B
8502B BURLAND-8502B Datasheet
342Kb / 1P
Hollow space floor box system: 8502B
8506E BURLAND-8506E Datasheet
311Kb / 1P
Hollow space floor box system: 8506E
8508E BURLAND-8508E Datasheet
437Kb / 1P
Hollow space floor box system:8508E
8906B BURLAND-8906B Datasheet
400Kb / 1P
Floor box system: 8906B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com