Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3202E Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # 3202E
Description  Floor socket: 3202E
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

3202E Datasheet(HTML) 1 Page - Burland Technology Solutions

  3202E Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATASHEET
Errors and technical changes reserved.
BS Bodensteckdosen Systemtechnik GmbH
Oldermanns Hof 2a, D-33719 Bielefeld
Tel. +49 521 260109-90
Fax +49 521 260109-99
info@bodensteckdosen.com
www.bodensteckdosen.com
Floor socket: 3202E
Specification:
Item No:
3202E
Product line:
Floor socket
Units:
2
Mounting (qty):
2x SCHUKO socket with VDE certification
Construction:
Rectangular
Ground:
• Suitable for screed
• Suitable for installation on a table
Type of inst.:
Flush mounted
Lid character.:
• Hinged
• Closable with plugged in plugs
Environment:
Dry to moist
Protection:
IP20
EAN:
4058796000274
Technical data:
Material:
• Frame made of stainless steel (1,5mm /
1.4301)
• Adapter box (optional) made of galvanized
steel sheet
• Lid made of stainless steel (1,5mm / 1.4301)
Colour:
Stainless steel
Surface:
Grindet
Weight:
1400g
Dimensions:
180 x 140 x 80mm
Install. Dim.:
166 x 146 x 80mm
Supply line:
2x lateral; 2x back; 2x bottom; Ø 25mm
Load:
120kg
Features:
Delivery cond.:
Complete and pre-assembled


Similar Part No. - 3202E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3202 ETC-3202 Datasheet
232Kb / 2P
200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3202 VMI-3202 Datasheet
235Kb / 2P
200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Dow-Key Microwave Corpo...
3202 DOW-KEY-3202 Datasheet
398Kb / 1P
L-band Fan-Out
logo
List of Unclassifed Man...
3202 ETC2-3202 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3202 HEYCO-3202 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
More results

Similar Description - 3202E

ManufacturerPart #DatasheetDescription
logo
Bertech.
AFV BERTECH-AFV Datasheet
170Kb / 1P
ESD Floor Runners and Kits
logo
Burland Technology Solu...
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
2004Q BURLAND-2004Q Datasheet
570Kb / 1P
Floor box : 2004Q
2008B BURLAND-2008B Datasheet
260Kb / 1P
Floor box system: 2008B
3301E BURLAND-3301E Datasheet
273Kb / 1P
Floor socket: 3301E
3303E BURLAND-3303E Datasheet
272Kb / 1P
Floor socket: 3303E
8906B BURLAND-8906B Datasheet
400Kb / 1P
Floor box system: 8906B
9902A BURLAND-9902A Datasheet
376Kb / 1P
Floor socket: 9902A
9904A BURLAND-9904A Datasheet
362Kb / 1P
Floor socket: 9904A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com