Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8903H Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # 8903H
Description  Hollow space floor box system: 8903H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

8903H Datasheet(HTML) 1 Page - Burland Technology Solutions

  8903H Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hollow space floor box system:
8903H
Specification:
8903H
Hollow space floor box system
3
3x SCHUKO socket with VDE certification
Rectangular
Suitable for hollow floor
Flush mounted
Item No:
Product line:
Units:
Mounting (qty):
Construction:
Ground:
Type of inst.:
Lid character.:
• Own floor covering applicable
• Hinged
• Removable
• Closable with plugged in plugs
Floor cover. recess: 15mm
Dry to moist
Environment:
Protection:
EAN:
IP20
4058796007112
Technical data:
Material:
• Frame made of galvanized steel sheet
• Adapter box made of galvanized steel sheet
• Lid made of stainless steel (1,5mm / 1.4301)
• Equipment carrier made of aluminum
Colour:
Surface:
Weight:
Dimensions:
Install. Dim.:
Stainless steel
Grindet
2200g
250 x 200 x 90mm
220 x 170 x 90mm
Height-adjustable: 30mm
Supply line:
Load:
2x lateral; 2x back; 2x bottom; Ø 25mm
120kg
Features:
Delivery cond.:
Complete and pre-assembled


Similar Part No. - 8903H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8903 ETC2-8903 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8903 ETC2-8903 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8903 ETC2-8903 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8903 ETC2-8903 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8903 ETC2-8903 Datasheet
327Kb / 1P
LED SPACER MOUNTS
More results

Similar Description - 8903H

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
8502B BURLAND-8502B Datasheet
342Kb / 1P
Hollow space floor box system: 8502B
8506E BURLAND-8506E Datasheet
311Kb / 1P
Hollow space floor box system: 8506E
8508B BURLAND-8508B Datasheet
377Kb / 1P
Hollow space floor box system:8508B
8508E BURLAND-8508E Datasheet
437Kb / 1P
Hollow space floor box system:8508E
8902H BURLAND-8902H Datasheet
409Kb / 1P
Hollow space floor box system: 8902H
8904H BURLAND-8904H Datasheet
452Kb / 1P
Hollow space floor box system:8904H
8906H BURLAND-8906H Datasheet
402Kb / 1P
Hollow space floor box system: 8906H
9912T BURLAND-9912T Datasheet
448Kb / 1P
Hollow space floor box system: 9912T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com