Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8906B Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # 8906B
Description  Floor box system: 8906B
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

8906B Datasheet(HTML) 1 Page - Burland Technology Solutions

  8906B Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Floor box system: 8906B
Specification:
Item No:
8906B
Product line:
Floor box system
Units:
6
Mounting (qty):
6x SCHUKO socket with VDE certification
Construction:
Square
Ground:
Suitable for screed
Type of inst.:
Flush mounted
Lid character.:
• Own floor covering applicable
• Hinged
• Removable
• Closable with plugged in plugs
Floor cover. recess: 15mm
Environment:
Dry to moist
Protection:
IP20
EAN:
0706332878699
Technical data:
Material:
• Adapter box made of galvanized steel sheet
• Lid made of stainless steel (1,5mm / 1.4301)
• Equipment carrier made of aluminum
Colour:
Stainless steel
Surface:
Grindet
Weight:
2500g
Dimensions:
203 x 203 x 90mm
Install. Dim.:
203 x 203 x 90mm
Height-adjustable: 30mm
Supply line:
4x front; 4x lateral; 4x back; 4x bottom; Ø 25mm
Load:
120kg
Features:
Delivery cond.:
Complete and pre-assembled
Opt. attachments:
Item No. 89NS -Leveling kit for height correction


Similar Part No. - 8906B

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
logo
List of Unclassifed Man...
8906 ETC2-8906 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
338Kb / 1P
LED SPACER MOUNTS
More results

Similar Description - 8906B

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
2003A BURLAND-2003A Datasheet
285Kb / 1P
Floor box system: 2003A
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
2004B BURLAND-2004B Datasheet
329Kb / 1P
Floor box system: 2004B
2008A BURLAND-2008A Datasheet
274Kb / 1P
Floor box system: 2008A
2008B BURLAND-2008B Datasheet
260Kb / 1P
Floor box system: 2008B
2008Q BURLAND-2008Q Datasheet
646Kb / 1P
Floor box system: 2008Q
8502B BURLAND-8502B Datasheet
342Kb / 1P
Hollow space floor box system: 8502B
8506E BURLAND-8506E Datasheet
311Kb / 1P
Hollow space floor box system: 8506E
8508E BURLAND-8508E Datasheet
437Kb / 1P
Hollow space floor box system:8508E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com